| データシートサーチシステム |
|
EP2C5 データシート(PDF) 32 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2C5 データシート(HTML) 32 Page - Altera Corporation |
|
32 / 36 page ![]() Page 32 Package Enhanced Configuration (EPC) Devices Datasheet January 2012 Altera Corporation Package The EPC16 device is available in both the 88-pin UFBGA package and the 100-pin PQFP package. The UFBGA package, which is based on 0.8-mm ball pitch, maximizes board space efficiency. A board can be laid out for this package using a single PCB layer. The EPC8 and EPC4 devices are available in the 100-pin PQFP package. EPC devices support vertical migration in the 100-pin PQFP package. Table 18. ICC Supply Current Values for EPC Devices Symbol Parameter Condition Min Typ Max Unit ICC0 Current (standby) — — 50 150 A ICC1 VCC supply current (during configuration) —— 60 90 mA ICCW VCCW supply current — — (1) (1) — Note to Table 18: (1) For the VCCW supply current information, refer to the appropriate flash memory data sheet at www.altera.com. Table 19. Capacitance for EPC Devices Symbol Parameter Condition Min Max Unit CIN Input pin capacitance — — 10 pF COUT Output pin capacitance — — 10 pF |