| データシートサーチシステム |
|
SL40307A-R19KHF データシート(PDF) 47 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
SL40307A-R19KHF データシート(HTML) 47 Page - International Rectifier |
|
47 / 53 page ![]() IR3846 47 www.irf.com © 2013 International Rectifier August 01, 2013 PCB METAL AND COMPONENT PLACEMENT Evaluations have shown that the best overall performance is achieved using the substrate/PCB layout as shown in following figures. PQFN devices should be placed to an accuracy of 0.050mm on both X and Y axes. Self-centering behavior is highly dependent on solders and processes, and experiments should be run to confirm the limits of self- centering on specific processes. For further information, please refer to “SupIRBuck ® Multi-Chip Module (MCM) Power Quad Flat No-Lead (PQFN) Board Mounting Application Note .” (AN1132) PAD SIZES PCB SPACING |