| データシートサーチシステム |
|
TLC272CPWR データシート(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC272CPWR データシート(HTML) 35 Page - Texas Instruments |
|
35 / 51 page ![]() TLC272, TLC272A, TLC272B, TLC272Y, TLC277 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002 35 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION 10 k Ω 1/2 TLC277 (see Note A) R1,10 k Ω VO 95 k Ω 10 k Ω – 5 V VI + VI – 5 V 10 k Ω 100 k Ω – + 1/2 TLC277 1/2 TLC277 NOTE B: CMRR adjustment must be noninductive. Figure 48. Low-Power Instrumentation Amplifier R/2 5 M Ω C 270 pF 2C 540 pF R 10 M Ω VO VI 5 V f NOTCH + 1 2 pRC C 270 pF R 10 M Ω 1/2 TLC272 Figure 49. Single-Supply Twin-T Notch Filter |