データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPC810M021FN8 データシート(PDF) 39 Page - NXP Semiconductors

部品番号 LPC810M021FN8
部品情報  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 データシート(HTML) 39 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 35Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 36Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 37Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 38Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 39Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 40Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 41Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 29 July 2013
39 of 71
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
11.2 CoreMark data
WKT not running.
Fig 18. Deep power-down mode: Typical supply current IDD versus temperature for
different supply voltages VDD
Conditions: VDD = 3.3 V; Tamb = 25 C; active mode; all peripherals except one UART and the SCT
disabled in the SYSAHBCLKCTRL register; system clock derived from the IRC; system oscillator
disabled; internal pull-up resistors enabled; BOD disabled. Measured with Keil uVision v.4.7.
Fig 19. Active mode: CoreMark power consumption IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71