| データシートサーチシステム |
|
PCF8564A_1308 データシート(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8564A_1308 データシート(HTML) 42 Page - NXP Semiconductors |
|
42 / 48 page ![]() PCF8564A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 3 — 26 August 2013 42 of 48 NXP Semiconductors PCF8564A Real time clock and calendar 20. Abbreviations 21. References [1] AN10439 — Wafer Level Chip Size Package [2] AN10706 — Handling bare die [3] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [4] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [5] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [6] JESD22-A115 — Electrostatic Discharge (ESD) Sensitivity Testing Machine Model (MM) [7] JESD78 — IC Latch-Up Test [8] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [9] UM10204 — I2C-bus specification and user manual [10] UM10301 — User Manual for NXP Real Time Clocks PCF85x3, PCA8565 and PCF2123, PCA2125 [11] UM10569 — Store and transport requirements Table 38. Abbreviations Acronym Description BCD Binary Coded Decimal CMOS Complementary Metal Oxide Semiconductor FFC Film Frame Carrier HBM Human Body Model I2C Inter-Integrated Circuit IC Integrated Circuit LSB Least Significant Bit MM Machine Model MOS Metal Oxide Semiconductor MSB Most Significant Bit MSL Moisture Sensitivity Level PCB Printed-Circuit Board POR Power-On Reset ROM Read Only Memory RTC Real Time Clock SCL Serial CLock line SDA Serial DAta line |