| データシートサーチシステム |
|
ECEP2DP392HA データシート(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECEP2DP392HA データシート(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 3 page ![]() T-UP Standard Ratings (continued) Cap. Panasonic Cap. Panasonic (µF) 120 Hz 10kHz~ 120Hz 20kHz Part Number (µF) 120Hz 10kHz~ 120Hz 20kHz Part Number 15000 40 x 50 7.53 8.66 0.033 0.027 ECET1JP153FA 6800 40 x 105 8.65 12.11 0.032 0.017 ECET2DP682FA 18000 35 x 80 9.41 10.82 0.023 0.018 ECET1JP183EA 50 x 80 11.41 15.97 0.032 0.017 ECEP2DP682HA 40 x 63 9.25 10.64 0.028 0.022 ECET1JP183FA 7500 50 x 92 12.28 17.19 0.029 0.016 ECEP2DP752HA 27000 35 x 105 10.38 11.94 0.015 0.012 ECET1JP273EA 8200 50 x 92 13.02 18.23 0.026 0.014 ECEP2DP822HX 40 x 80 9.97 11.47 0.018 0.015 ECET1JP273FA 50 x 105 13.16 18.42 0.026 0.014 ECEP2DP822HA 50 x 50 10.86 12.49 0.018 0.015 ECEP1JP273HA 10000 50 x 105 14.17 19.84 0.021 0.011 ECEP2DP103HA 33000 40 x 105 11.76 13.52 0.015 0.012 ECET1JP333FA 50 x 63 11.67 13.42 0.017 0.013 ECEP1JP333HA 1200 35 x 40 3.32 4.65 0.166 0.083 ECET2EP122EA 47000 50 x 80 12.78 14.70 0.013 0.010 ECEP1JP473HA 1500 35 x 50 4.04 5.66 0.133 0.066 ECET2EP152EA 51000 50 x 92 13.34 15.34 0.012 0.010 ECEP1JP513HA 40 x 40 4.04 5.66 0.133 0.066 ECET2EP152FA 56000 50 x 105 13.93 16.02 0.012 0.009 ECEP1JP563HA 1800 35 x 63 4.49 6.29 0.111 0.055 ECET2EP182EA 40 x 50 4.49 6.29 0.111 0.055 ECET2EP182FA 6800 35 x 40 5.16 5.93 0.046 0.035 ECET1KP682EA 2200 35 x 63 4.70 6.58 0.090 0.045 ECET2EP222EX 8200 35 x 50 5.83 6.70 0.038 0.029 ECET1KP822EA 35 x 80 4.94 6.92 0.090 0.045 ECET2EP222EA 40 x 40 5.83 6.70 0.038 0.029 ECET1KP822FA 40 x 63 4.94 6.92 0.090 0.045 ECET2EP222FA 10000 35 x 63 6.38 7.34 0.033 0.025 ECET1KP103EA 2700 35 x 80 5.63 7.88 0.074 0.037 ECET2EP272EA 40 x 50 6.56 7.54 0.033 0.025 ECET1KP103FA 40 x 63 5.81 8.13 0.074 0.037 ECET2EP272FX 12000 35 x 80 6.92 7.96 0.028 0.021 ECET1KP123EA 50 x 50 6.77 9.48 0.074 0.037 ECEP2EP272HA 40 x 63 7.29 8.38 0.028 0.021 ECET1KP123FA 3300 40 x 80 7.00 9.80 0.060 0.030 ECET2EP332FA 15000 40 x 80 8.93 10.27 0.024 0.018 ECET1KP153FA 50 x 50 7.22 10.11 0.060 0.060 ECEP2EP332HX 18000 50 x 50 10.00 11.50 0.023 0.017 ECEP1KP183HA 50 x 63 7.79 10.91 0.060 0.030 ECEP2EP332HA 22000 35 x 105 9.86 11.34 0.015 0.011 ECET1KP223EA 3900 35 x 105 7.47 10.46 0.051 0.026 ECET2EP392EA 50 x 63 11.08 12.74 0.019 0.014 ECEP1KP223HA 40 x 80 7.36 10.30 0.051 0.026 ECET2EP392FA 27000 40 x 105 11.35 13.05 0.015 0.012 ECET1KP273FA 50 x 63 8.19 11.47 0.051 0.026 ECET2EP392HA 50 x 80 12.33 14.18 0.015 0.012 ECEP1KP273HA 4700 40 x 105 8.88 12.43 0.042 0.021 ECET2EP472FA 33000 50 x 92 13.37 15.38 0.014 0.010 ECEP1KP333HA 50 x 80 9.65 13.51 0.042 0.021 ECEP2EP472HA 39000 50 x 105 14.34 16.49 0.013 0.010 ECEP1KP393HA 5600 50 x 80 14.34 20.08 0.036 0.018 ECEP2EP562HX 50 x 92 10.80 15.12 0.036 0.018 ECEP2EP562HA 4700 35 x 40 5.13 5.90 0.071 0.049 ECET2AP472EA 6800 50 x 105 12.16 17.02 0.029 0.015 ECEP2EP682HA 5600 40 x 40 5.75 6.61 0.059 0.044 ECET2AP562FA 7500 50 x 105 12.56 17.58 0.026 0.014 ECEP2EP752HA 6800 35 x 50 6.60 7.59 0.049 0.037 ECET2AP682EA 8200 35 x 63 7.05 8.11 0.040 0.030 ECET2AP822EA 470 35 x 40 2.40 3.36 0.388 0.175 ECET2VP471EA 40 x 50 7.28 8.37 0.040 0.030 ECET2AP822FA 680 35 x 50 2.96 4.14 0.366 0.165 ECET2VP681EA 10000 35 x 80 7.74 8.90 0.033 0.025 ECET2AP103EA 40 x 40 2.96 4.14 0.366 0.165 ECET2VP681FA 40 x 63 7.97 9.17 0.033 0.025 ECET2AP103FA 1000 35 x 63 3.80 5.32 0.249 0.112 ECET2VP102EA 50 x 50 8.82 10.14 0.033 0.025 ECEP2AP103HA 40 x 50 3.80 5.32 0.249 0.112 ECET2VP102FA 12000 35 x 105 8.57 9.86 0.028 0.021 ECET2AP123EA 1200 35 x 80 4.42 6.19 0.207 0.093 ECET2VP122EA 40 x 80 8.65 9.95 0.028 0.021 ECET2AP123FA 40 x 63 4.42 6.19 0.207 0.093 ECET2VP122FA 15000 40 x 105 10.12 11.64 0.022 0.017 ECET2AP153FA 50 x 50 5.18 7.25 0.207 0.093 ECEP2VP122HA 50 x 63 10.07 11.58 0.022 0.017 ECEP2AP153HA 1500 50 x 63 6.01 8.41 0.166 0.075 ECEP2VP152HA 18000 50 x 80 11.00 12.65 0.018 0.014 ECEP2AP183HA 1800 35 x 105 5.79 8.11 0.138 0.062 ECET2VP182EA 22000 50 x 92 11.76 13.52 0.015 0.011 ECEP2AP223HA 40 x 80 5.85 8.19 0.138 0.062 ECET2VP182FA 27000 50 x 105 12.53 14.41 0.014 0.010 ECEP2AP273HA 50 x 80 6.89 9.65 0.138 0.062 ECEP2VP182HA 2200 40 x 105 6.91 9.67 0.113 0.051 ECET2VP222FA 2200 35 x 40 4.78 6.69 0.098 0.049 ECET2CP222EA 50 x 92 7.79 10.91 0.113 0.051 ECEP2VP222HA 2700 35 x 50 5.45 7.63 0.080 0.044 ECET2CP272EA 2700 50 x 105 8.80 12.32 0.092 0.041 ECEP2VP272HA 40 x 40 5.45 7.63 0.080 0.044 ECET2CP272FA 3300 35 x 63 6.29 8.81 0.065 0.036 ECET2CP332EA 470 35 x 45 2.39 3.35 0.388 0.136 ECET2GP471EX 40 x 50 6.29 8.81 0.065 0.036 ECET2CP332FA 560 35 x 50 2.72 3.81 0.326 0.114 ECET2GP561EA 3900 35 x 80 7.27 10.18 0.055 0.030 ECET2CP392EA 40 x 40 2.69 3.77 0.326 0.114 ECET2GP561FA 40 x 63 7.27 10.18 0.055 0.030 ECET2CP392FA 680 40 x 50 3.38 4.73 0.268 0.093 ECET2GP681FA 5600 40 x 80 8.32 11.65 0.038 0.021 ECET2CP562FA 820 35 x 63 3.55 4.97 0.222 0.078 ECET2GP821EA 50 x 50 8.25 11.55 0.038 0.021 ECEP2CP562GA 40 x 50 3.38 4.73 0.222 0.078 ECET2GP821FA 6800 35 x 105 9.05 12.67 0.032 0.017 ECET2CP682EA 1000 35 x 80 3.42 4.79 0.199 0.080 ECET2GP102EA 8200 50 x 63 8.93 12.50 0.026 0.014 ECEP2CP822GA 40 x 63 4.16 5.82 0.199 0.080 ECET2GP102FA 10000 40 x 105 9.86 13.80 0.022 0.012 ECET2CP103FA 50 x 50 4.76 6.66 0.199 0.080 ECEP2GP102HA 50 x 80 9.80 13.72 0.022 0.012 ECEP2CP103GA 1200 35 x 80 4.52 6.33 0.152 0.053 ECET2GP122EA 12000 50 x 92 12.93 18.10 0.018 0.010 ECEP2CP123GA 40 x 63 4.52 6.33 0.152 0.053 ECET2GP122FA 15000 50 x 105 14.10 19.74 0.014 0.008 ECEP2CP153GA 50 x 50 5.21 7.29 0.166 0.066 ECEP2GP122HX 50 x 63 5.47 7.66 0.166 0.066 ECEP2GP122HA 1800 35 x 40 4.32 6.05 0.120 0.060 ECET2DP182EA 1500 35 x 105 5.44 7.62 0.122 0.043 ECET2GP152EA 2200 35 x 50 4.92 6.89 0.098 0.054 ECET2DP222EA 40 x 80 5.50 7.70 0.122 0.043 ECET2GP152FA 40 x 40 4.92 6.89 0.098 0.054 ECET2DP222FA 50 x 63 6.12 8.57 0.133 0.053 ECEP2GP152HX 2700 35 x 63 5.50 7.70 0.080 0.044 ECET2DP272EA 50 x 80 6.47 9.06 0.133 0.053 ECEP2GP152HA 40 x 50 5.41 7.57 0.080 0.044 ECET2DP272FA 1800 40 x 105 6.53 9.14 0.101 0.035 ECET2GP182FA 3300 35 x 80 6.44 9.02 0.065 0.036 ECET2DP332EA 50 x 80 7.09 9.93 0.111 0.044 ECEP2GP182HX 40 x 63 6.32 8.85 0.065 0.036 ECET2DP332FA 50 x 92 7.35 10.29 0.111 0.044 ECEP2GP182HA 3900 35 x 80 6.60 9.24 0.055 0.030 ECET2DP392EA 2200 50 x 92 8.13 11.38 0.090 0.036 ECEP2GP222HX 40 x 63 6.81 9.53 0.055 0.030 ECET2DP392FX 50 x 105 8.43 11.80 0.090 0.036 ECEP2GP222HA 50 x 50 8.22 11.51 0.055 0.030 ECEP2DP392HA 2700 50 x 105 9.34 13.08 0.073 0.025 ECEP2GP272HA 4700 40 x 80 8.38 11.73 0.046 0.025 ECET2DP472FA 50 x 63 9.32 13.05 0.046 0.025 ECEP2DP472HA 330 35 x 40 2.01 2.81 0.553 0.249 ECET2WP331EA 5600 35 x 105 8.90 12.46 0.038 0.021 ECET2DP562EA 470 35 x 50 2.53 3.54 0.423 0.233 ECET2WP471EA 50 x 63 9.57 13.40 0.038 0.021 ECEP2DP562HA 40 x 35 2.53 3.54 0.423 0.233 ECET2WP471FA D x L D x L 63 VDC Working, 79 VDC Surge (continued) 250 VDC Working, 300 VDC Surge 200 VDC Working, 250 VDC Surge (continued) Max. 85°C R.C. (Arms) Max. 20°C E.S.R. ( Ω Ω Ω Ω) Size (mm) 450 VDC Working, 500 VDC Surge 350 VDC Working, 400 VDC Surge 80 VDC Working, 100 VDC Surge Max. 85°C R.C. (Arms) Max. 20°C E.S.R. ( Ω Ω Ω Ω) Size (mm) 400 VDC Working, 450 VDC Surge 100 VDC Working, 125 VDC Surge 160 VDC Working, 200 VDC Surge 200 VDC Working, 250 VDC Surge Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Large Can Aluminum Electrolytic Capacitors |