データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CHA7215 データシート(PDF) 7 Page - United Monolithic Semiconductors

部品番号 CHA7215
部品情報  X-band High Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UMS [United Monolithic Semiconductors]
ホームページ  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7215 データシート(HTML) 7 Page - United Monolithic Semiconductors

  CHA7215 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 7Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
X-band High Power Amplifier
CHA7215
Ref : DSCHA72159287 - 14 Oct 09
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Bonding recommendations
Port
Connection
External capacitor
IN
Inductance (Lbonding) = 0.35nH
2 gold wires with diameter of 25 µm (600µm max)
OUT
Inductance (Lbonding) = 0.35nH
2 gold wires with diameter of 25 µm (600µm max)
Vg
Inductance
≤ 1nH
C1 ~ 100pF
C2 ~ 10nF
Vd
Inductance
≤ 1nH
C1 ~ 100pF
Assembly recommendations in test fixture
Recommended ESD management
Refer to the application note AN0020 available at http://www.ums-gaas.com for ESD
sensitivity and handling recommendations for the UMS products.
Vg
Vd
C1=100pF
C2=10nF
Non capacitive pad
Vd
Vg
Vg
Vd
C1=100pF
C2=10nF
Non capacitive pad
Vd
Vg
Vg
Vd
C1=100pF
C2=10nF
Non capacitive pad
Vd
Vg
Vg
Vd
C1=100pF
C2=10nF
Non capacitive pad
Vd
Vg



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com