| データシートサーチシステム |
|
MCP6044 データシート(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6044 データシート(HTML) 5 Page - Microchip Technology |
|
5 / 34 page ![]() © 2008 Microchip Technology Inc. DS21669C-page 5 MCP6041/2/3/4 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, T A = +25°C, VDD = +1.4V to +6.0V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2, RL =1MΩ to VL, and CL =60 pF. FIGURE 2-1: Input Offset Voltage. FIGURE 2-2: Input Offset Voltage Drift with TA = -40°C to +85°C. FIGURE 2-3: Input Offset Voltage vs. Common Mode Input Voltage with VDD =1.4V. FIGURE 2-4: Input Offset Voltage Drift with TA = +85°C to +125°C and VDD =1.4V. FIGURE 2-5: Input Offset Voltage Drift with TA = +25°C to +125°C and VDD =5.5V. FIGURE 2-6: Input Offset Voltage vs. Common Mode Input Voltage with VDD =5.5V. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0% 1% 2% 3% 4% 5% 6% 7% 8% 9% 10% -3 -2 -1 0123 Input Offset Voltage (mV) 1124 Samples VDD = 1.4V and 5.5V VCM = VSS 0% 1% 2% 3% 4% 5% 6% 7% 8% 9% 10% 11% 12% -10 -8-6 -4-2 0 2 4 6 8 10 Input Offset Voltage Drift (µV/°C) 1124 Samples TA = -40°C to +85°C VDD = 1.4V VCM = VSS -2000 -1500 -1000 -500 0 500 1000 1500 2000 Common Mode Input Voltage (V) VDD = 1.4V Representative Part TA = +125°C TA = +85°C TA = +25°C TA = -40°C 0% 2% 4% 6% 8% 10% 12% 14% 16% 18% -32 -28 -24 -20 -16 -12 -8 -4 0 4 Input Offset Voltage Drift (µV/°C) 245 Samples 1 Representative Lot TA = +85°C to +125°C VDD = 1.4V VCM = VSS 0% 2% 4% 6% 8% 10% 12% 14% 16% 18% 20% 22% 24% -32 -28 -24 -20 -16 -12 -8 -4 0 4 Input Offset Voltage Drift (µV/°C) 239 Samples 1 Representative Lot TA = +85°C to +125°C VDD = 5.5V VCM = VSS -2000 -1500 -1000 -500 0 500 1000 1500 2000 Common Mode Input Voltage (V) VDD = 5.5V Representative Part TA = +125°C TA = +85°C TA = +25°C TA = -40°C |