| データシートサーチシステム |
|
STTH12T06DI データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH12T06DI データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() Characteristics STTH12T06 2/9 Doc ID024431 Rev1 1 Characteristics To evaluate the conduction losses use the following equation: P = 1.75 x IF(AV) + 0.0667 x IF 2 (RMS) Table 2. Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage Tj from 25 to 150 °C 600 V Tj = -40 °C 550 IF(RMS) Forward rms current 22 A IF(AV) Average forward current, δ = 0.5 Tc = 75 °C 12 A IFSM Surge non repetitive forward current tp = 10 ms sinusoidal 90 A IFRM Repetitive peak forward current Tc = 75 °C, δ = 0.1 65 A Tstg Storage temperature range -65 to +175 °C Tj Operating junction temperature -40 to +175 °C Table 3. Thermal parameters Symbol Parameter Value Unit Rth(j-c) Junction to case 2.4 °C/W Table 4. Static electrical characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit IR (1) Reverse leakage current Tj = 25 °C VR = VRRM 20 µA Tj = 125 °C 40 400 VF (2) Forward voltage drop Tj = 25 °C IF = 12A 2.95 V Tj = 150 °C 2.05 2.55 1. Pulse test: tp = 5 ms, δ < 2% 2. Pulse test: tp = 380 µs, δ < 2% |