データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1222 データシート(PDF) 3 Page - Microchip Technology

部品番号 TC1222
部品情報  High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1222 データシート(HTML) 3 Page - Microchip Technology

  TC1222 Datasheet HTML 1Page - Microchip Technology TC1222 Datasheet HTML 2Page - Microchip Technology TC1222 Datasheet HTML 3Page - Microchip Technology TC1222 Datasheet HTML 4Page - Microchip Technology TC1222 Datasheet HTML 5Page - Microchip Technology TC1222 Datasheet HTML 6Page - Microchip Technology TC1222 Datasheet HTML 7Page - Microchip Technology TC1222 Datasheet HTML 8Page - Microchip Technology TC1222 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2002 Microchip Technology Inc.
DS21367B-page 3
TC1221/TC1222
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(6-Pin SOT-23A)
Symbol
Description
1
OUT
Inverting charge pump output.
2VIN
Positive power supply input.
3C–
Commutation capacitor negative terminal.
4
GND
Ground.
5
SHDN
Shutdown input (active low).
6C+
Commutation capacitor positive terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16