| データシートサーチシステム |
|
1206SFP300F データシート(PDF) 25 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1206SFP300F データシート(HTML) 25 Page - Tyco Electronics |
|
25 / 28 page ![]() 99 RoHS Compliant, ELV Compliant HF Halogen Free 11 P 0 P 0 P 2 P 1 P 1 E 1 E 1 F F W W t D 0 D 0 D 1 D 1 A 0 A 0 B 0 K 0 K 0 B 0 P 2 Paper Carrier Tape Specifications Plastic Carrier Tape Specifications Table F5 Tape and Reel Specifications for All Fuses Figure F3 Component Tape Dimensions for All Fuses Dimension in inches (mm) Mark 0402 (1005) 0603 (1608) 1206 (3216) 0603SFV (1608) 2410 (6125) E1 0.069 ± 0.004 0.069 ± 0.004 0.069 ± 0.004 0.069 ± 0.004 0.069 ± 0.004 (1.75 ± 0.10) (1.75 ± 0.10) (1.75 ± 0.10) (1.75 ± 0.10) (1.75 ± 0.10) F 0.138 ± 0.002 0.138 ± 0.002 0.138 ± 0.002 0.138 ± 0.002 0.217 ± 0.004 (3.50 ± 0.05) (3.50 ± 0.05) (3.50 ± 0.05) (3.50 ± 0.05) (5.50 ± 0.10) W 0.315 ± 0.004 0.315 ± 0.004 0.315 ± 0.004 0.315 ± 0.004 0.472 ± 0.004 (8.00 ± 0.10) (8.00 ± 0.10) (8.00 ± 0.10) (8.00 ± 0.10) (12.00 ± 0.10) P1 0.079 ± 0.004 0.157 ± 0.004 0.157 ± 0.004 0.157 ± 0.004 0.157 ± 0.004 (2.00 ± 0.10) (4.00 ± 0.10) (4.00 ± 0.10) (4.00 ± 0.10) (4.00 ± 0.10) P0 0.157 ± 0.004 0.157 ± 0.004 0.157 ± 0.004 0.157 ± 0.004 0.157 ± 0.004 (4.00 ± 0.10) (4.00 ± 0.10) (4.00 ± 0.10) (4.00 ± 0.10) (4.00 ± 0.10) P2 0.079 ± 0.002 0.079 ± 0.002 0.079 ± 0.002 0.079 ± 0.002 0.079 ± 0.004 (2.00 ± 0.05) (2.00 ± 0.05) (2.00 ± 0.05) (2.00 ± 0.05) (2.00 ± 0.10) D0 0.059 ± 0.004 0.059 ± 0.004 0.059 ± 0.004 0.059 ± 0.004 0.059 ± 0.004 (1.50+0.10/-0.00) (1.50+0.10/-0.00) (1.50+0.10/-0.00) (1.50+0.10/-0.00) (1.50+0.10/-0.00) D1 —— 0.039 max — 0.61 ± 0.004 (1.00 max) (1.55 ± 0.10) t— — 0.009 ± 0.001 — 0.010 ± 0.002 (0.23 ± 0.02) (0.25 ± 0.05) A0 0.026 ± 0.004 0.039 ± 0.004 0.071 ± 0.004 0.039 ± 0.004 0.112 ± 0.004 (0.67 ± 0.10) (0.98 ± 0.10) (1.80 ± 0.10) (0.98 ± 0.10) (2.85 ± 0.10) B0 0.046 ± 0.004 0.071 ± 0.004 0.138 ± 0.004 0.071 ± 0.004 0.252 ± 0.004 (1.17 ± 0.10) (1.80 ± 0.10) (3.50 ± 0.10) (1.80 ± 0.10) (6.40 ± 0.10) K0 0.025 ± 0.004 0.037 ± 0.003 0.050 ± 0.004 0.024 ± 0.003 0.093 ± 0.004 (0.63 ± 0.10) (0.95 ± 0.08) (1.27 ± 0.10) (0.60 ± 0.08) (2.35 ± 0.10) |