| データシートサーチシステム |
|
BZX79 データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BZX79 データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 10 page ![]() 2002 Feb 27 8 NXP Semiconductors Product data sheet Voltage regulator diodes BZX79 series PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ Note 1. The marking band indicates the cathode. SOD27 DO-35 A24 SC-40 97-06-09 Hermetically sealed glass package; axial leaded; 2 leads SOD27 UNIT b max. mm 0.56 D max. G1 max. 25.4 4.25 1.85 L min. DIMENSIONS (mm are the original dimensions) G1 L D L b (1) 0 1 2 mm scale |