データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STRVS280X02F データシート(PDF) 9 Page - STMicroelectronics

部品番号 STRVS280X02F
部品情報  ST repetitive voltage suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS280X02F データシート(HTML) 9 Page - STMicroelectronics

Back Button STRVS280X02F Datasheet HTML 5Page - STMicroelectronics STRVS280X02F Datasheet HTML 6Page - STMicroelectronics STRVS280X02F Datasheet HTML 7Page - STMicroelectronics STRVS280X02F Datasheet HTML 8Page - STMicroelectronics STRVS280X02F Datasheet HTML 9Page - STMicroelectronics STRVS280X02F Datasheet HTML 10Page - STMicroelectronics STRVS280X02F Datasheet HTML 11Page - STMicroelectronics STRVS280X02F Datasheet HTML 12Page - STMicroelectronics STRVS280X02F Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID023950 Rev 2
9/13
STRVSX
Package information
Figure 24. SMC footprint, dimensions in mm (inches)
Figure 25. SMC marking layout
Figure 26. DO-15 dimension definitions
Table 7. DO-15 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
8.19
1.54
5.11
1.54
(0.061)
(0.201)
(0.322)
(0.124)
(0.061)
3.14
y w w
e
z
x x x
e: ECOPACK compliance
XXX: Marking
Z: Manufacturing location
Y: Year
WW: week
Cathode bar ( unidirectional
devices only )
D
B
A
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13