| データシートサーチシステム |
|
VLF252015MT-R47N データシート(PDF) 53 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
VLF252015MT-R47N データシート(HTML) 53 Page - TDK Electronics |
|
53 / 53 page ![]() (53/53) INDUC T O RS 001-01 / 20130717 / inductor_commercial_power_vlf_en.fm • All specifications are subject to change without notice. VLF-M series Packaging Style REEL DIMENSIONS * These values are typical values. TAPE DIMENSIONS Type A B C D E VLF252010MT ø180 13 ø60 9 0.5 VLF252012MT ø180 13 ø60 9 0.5 VLF252015MT ø180 13 ø60 9 0.5 VLF302510MT ø180 13 ø60 9 0.5 VLF302512MT ø180 13 ø60 9 0.5 VLF302515MT ø180 13 ø60 9 0.5 VLF403210MT ø180 17 ø60 13 0.5 VLF403212MT ø180 17 ø60 13 0.5 VLF403215MT ø180 17 ø60 13 0.5 VLF504010MT ø180 17 ø60 13 0.5 VLF504012MT ø180 17 ø60 13 0.5 VLF504015MT ø180 17 ø60 13 0.5 E ø13.0 ±0.5 ø21.0 ±0.8 B 2.0 ±0.5 A Dimensions in mm (1.0) D P0 P2 øD0 P1 A0 t K Dimensions in mm Type A0 B0 øD0 E F P0 P1 P2 W K t VLF252010MT 2.3 2.8 1.5+0.1/-0 1.75±0.1 3.50±0.1 4.0±0.1 4.00±0.1 2.00±0.05 8.00±0.2 1.15 0.25 VLF252012MT 2.3 2.8 1.5+0.1/-0 1.75±0.1 3.50±0.1 4.0±0.1 4.00±0.1 2.00±0.05 8.00±0.2 1.35 0.25 VLF252015MT 2.3 2.8 1.5+0.1/-0 1.75±0.1 3.50±0.1 4.0±0.1 4.00±0.1 2.00±0.05 8.00±0.2 1.65 0.25 VLF302510MT 2.8 3.3 1.5+0.1/-0 1.75±0.1 3.50±0.1 4.0±0.1 4.00±0.1 2.00±0.05 8.00±0.2 1.15 0.25 VLF302512MT 2.8 3.3 1.5+0.1/-0 1.75±0.1 3.50±0.1 4.0±0.1 4.00±0.1 2.00±0.05 8.00±0.2 1.35 0.25 VLF302515MT 2.8 3.3 1.5+0.1/-0 1.75±0.1 3.50±0.1 4.0±0.1 4.00±0.1 2.00±0.05 8.00±0.2 1.65 0.25 VLF403210MT 3.65 4.45 1.5+0.1/-0 1.75±0.1 5.50±0.1 4.0±0.1 8.00±0.1 2.00±0.05 12.00±0.2 1.15 0.25 VLF403212MT 3.65 4.45 1.5+0.1/-0 1.75±0.1 5.50±0.1 4.0±0.1 8.00±0.1 2.00±0.05 12.00±0.2 1.35 0.25 VLF403215MT 3.65 4.45 1.5+0.1/-0 1.75±0.1 5.50±0.1 4.0±0.1 8.00±0.1 2.00±0.05 12.00±0.2 1.65 0.25 VLF504010MT 4.45 5.45 1.5+0.1/-0 1.75±0.1 5.50±0.1 4.0±0.1 8.00±0.1 2.00±0.05 12.00±0.2 1.15 0.25 VLF504012MT 4.45 5.45 1.5+0.1/-0 1.75±0.1 5.50±0.1 4.0±0.1 8.00±0.1 2.00±0.05 12.00±0.2 1.35 0.25 VLF504015MT 4.45 5.45 1.5+0.1/-0 1.75±0.1 5.50±0.1 4.0±0.1 8.00±0.1 2.00±0.05 12.00±0.2 1.65 0.25 |