| データシートサーチシステム |
|
E39-R4 データシート(PDF) 34 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R4 データシート(HTML) 34 Page - Omron Electronics LLC |
|
34 / 38 page ![]() 34 Reflectors for retro-reflective photoelectric sensors E39-R Accessories Shape Type Housing material Features Size in mm Applicable Sensor Order code General purpose reflectors ABS base Acrylic surface Surface screw mount- ing (diagonal holes) 40x60x7.5 Retro-reflective photoelec- tric sensors – without M.S.R Retro-reflective photoelec- tric sensors – with M.S.R.*1 E39-R1S Surface screw mount- ing (holes on one side only) 35.4x42.3x8 E39-R9 51.4x60.3x8.5 E39-R42 Small size Side screw mounting or surface selfadhe- sive 41.8x22.5x11 E39-R3 Surface screw mounting 23x13.7x4.9 E39-R4 Large size 100x100x9 E39-R8 84.5x84.5x8.7 E39-R40 *1 Mirror Surface Rejection (MSR) is realized by using polarization filters |