| データシートサーチシステム |
|
E39-R40 データシート(PDF) 28 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R40 データシート(HTML) 28 Page - Omron Electronics LLC |
|
28 / 38 page ![]() 28 Full protection Stainless steel (SUS 304) inclination angle adjustment protective side wall mounting E3Z (pre-wired types) E39-L142 horizontal angle adjustment protective surface mounting E39-L144 -E3Z E39-L98 Telescope mounting - 360° horizontal rotation - max telescope length side and back wall mounting -E3Z -E39-R3 -E39-L150 -E39-L151 3D rotation around x, y, and z-axis side wall, back wall and surface moun- ting E39-L93FH E39-L93FV Extension pipe with XY joint pipe mounting E39-L93_ E39-L93XY Reflector adapter for E39-L93_ telescope mounting -E39-R1 -E39-R1S E39-L96 Shape Type Housing material Features Mounting type Applicable Sensors Order code |