| データシートサーチシステム |
|
WLD2 データシート(PDF) 29 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLD2 データシート(HTML) 29 Page - Omron Electronics LLC |
|
29 / 42 page ![]() WL WL 29 Spatter-prevention Parts All parts of the Switch have spatter-prevention properties, so be sure to use the following products for maintenance of Spatter-prevention Limit Switches. Levers/Lamp-equipped Covers Type Without lever Complete Head (lever with Head) Double nut lever Allen-head lever Lamp-equipped cover Model Addan“R” to theprod- uct number to order. E.g.: WLjCA2-LES WL-1H1100S (incaseof WLCA2-j, WLGCA2-j) WL-1A105S (forward and backward lever) WL-1A103S (forward and backward lever) WL-LES (Neon Lamp) g WL-2H1100S (in case of WLH2-j, WLG2-j) ) ) WL-LDS (LED) Switches Without Lever WLRCA2-LES, WLRCA2-LDS WLRH2-LES, WLRH2-LDS, WLRG2-LES WLRG2-LDS WLRGCA2-LES, WLRGCA2-LDS Airtight, Hermetic Seal, Low-temperature, Heat-resistive, Corro- sion-proof, and Weather-resistant Models Using the general-purpose model, six types of environment-resistant models can be created to meet a variety of difficult operating conditions. Select the model most appropriate to your operating environment. Nomenclature Example Airtight Built-in Switch Sealed by the rubber boot of the plunger Sealed by the resin molded into the case cover Four, M4 ±terminal screws The lead wires are sealed to the Limit Switch with resin, providing a hermetically sealed construction. Hermetic Seal Model Exclusive connector Leads for molding Filled with epoxy resin |