| データシートサーチシステム |
|
EE-1017-R1M データシート(PDF) 25 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
EE-1017-R1M データシート(HTML) 25 Page - Omron Electronics LLC |
|
25 / 38 page ![]() 25 For square shapes general purpose sensor head protection polyarylate - for M8, M12, M18, M30 - for shielded and unshielded -E2A Y92E-E8 Y92E-E12 Y92E-E18 Y92E-E30 sputter protection for sensor head silicone rubber - increased protection in weld fields - for M12, M18, M30 - for shielded sensors Y92E-E12-2 Y92E-E18-2 Y92E-E30-2 general purpose lens protection metal rim with glas cover E3F2 E39-F31 Shape Type Housing material Features Mounting type Applicable Sensors Order code General purpose mounting Stainless steel (SUS 304) inclination angle adjustment side wall mounting E3Z E39-L43 back wall mounting E39-L44 horizontal and inclination angle adjustment surface mounting E39-L104 up/down position adjustment back wall mounting E3T-S E39-L117 surface mounting E39-L116 Shape Product group Type Housing material Features Applicable sensors Order code |