データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H5TC2G63FFR-RDA データシート(PDF) 8 Page - Hynix Semiconductor

部品番号 H5TC2G63FFR-RDA
部品情報  2Gb DDR3L SDRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC2G63FFR-RDA データシート(HTML) 8 Page - Hynix Semiconductor

Back Button H5TC2G63FFR-RDA Datasheet HTML 4Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 5Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 6Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 7Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 8Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 9Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 10Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 11Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Rev. 1.1 / Apr. 2013
8
ROW AND COLUMN ADDRESS TABLE
2Gb
Note1: Page size is the number of bytes of data delivered from the array to the internal sense amplifiers
when an ACTIVE command is registered. Page size is per bank, calculated as follows:
page size = 2 COLBITS * ORG
 8
where COLBITS = the number of column address bits, ORG = the number of I/O (DQ) bits
Configuration
128Mb x 16
# of Banks
8
Bank Address
BA0 - BA2
Auto precharge
A10/AP
BL switch on the fly
A12/BC
Row Address
A0 - A13
Column Address
A0 - A9
Page size 1
2 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32