| データシートサーチシステム |
|
TAP225010 データシート(PDF) 2 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
TAP225010 データシート(HTML) 2 Page - AVX Corporation |
|
2 / 16 page ![]() 114 ■ MAY 2013 Figure 1 Figure 2 Figure 3 Wire Form C Wire Form B Wire Form S D H L S d 2.0 (0.079) min + D L S d H1 + 4 (0.16) max D H1 L S d 2 (0.079) min + 2.0(0.08) max Figure 4 Figure 5 Figure 6 Wire Form F Wire Form D Wire Form G D H + 3.8 (0.15) max L S 1.10 +0.25 -0.10 (0.4 +0.010 -0.004 ) S d 0.079 (2) min D H 1 max +0.118 (3.0) L + D H L S d Non-Preferred Wire Forms (Not recommended for new designs) DIMENSIONS millimeters (inches) Preferred Wire Forms Packaging Wire Form Figure Case Size L (see note 1) S d Suffixes Available* CCS Bulk 16.0±4.00 5.00±1.00 0.50±0.05 CRW Tape/Reel C Figure 1 A - R* (0.630±0.160) (0.200±0.040) (0.020±0.002) CRS Tape/Ammo B Figure 2 A - J* 16.0±4.00 5.00±1.00 0.50±0.05 BRW Tape/Reel (0.630±0.160) (0.200±0.040) (0.020±0.002) BRS Tape/Ammo SCS Bulk 16.0±4.00 2.50±0.50 0.50±0.05 SRW Tape/Reel S Figure 3 A - J* (0.630±0.160) (0.100±0.020) (0.020±0.002) SRS Tape/Ammo Non-Preferred Wire Forms (Not recommended for new designs) 3.90±0.75 5.00±0.50 0.50±0.05 F Figure 4 A - R (0.155±0.030) (0.200±0.020) (0.020±0.002) FCS Bulk DCS Bulk D Figure 5 A - H* 16.0±4.00 2.50±0.75 0.50±0.05 DTW Tape/Reel (0.630±0.160) (0.100±0.020) (0.020±0.002) DTS Tape/Ammo 16.0±4.00 3.18±0.50 0.50±0.05 G Figure 6 A - J (0.630±0.160) (0.125±0.020) (0.020±0.002) GSB Bulk Similar to 16.0±4.00 6.35±1.00 0.50±0.05 H Figure 1 A - R (0.630±0.160) (0.250±0.040) (0.020±0.002) HSB Bulk Notes: (1) Lead lengths can be supplied to tolerances other than those above and should be specified in the ordering information. (2) For D, H, and H1 dimensions, refer to individual product on following pages. * For case size availability in tape and reel, please refer to pages 121-122. Dipped Radial Capacitors Wire Form Outline SOLID TANTALUM RESIN DIPPED TAP/TEP Preferred Wire Forms |