| データシートサーチシステム |
|
H5TC4G63AFR-RDA データシート(PDF) 26 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TC4G63AFR-RDA データシート(HTML) 26 Page - Hynix Semiconductor |
|
26 / 35 page ![]() Rev. 1.0 / Apr. 2013 26 IDD Specifications IDD values are for full operating range of voltage and temperature unless otherwise noted. IDD Specification Notes: 1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC. 2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC. Speed Grade Bin DDR3L - 1066 7-7-7 DDR3L - 1333 9-9-9 DDR3L - 1600 11-11-11 DDR3L - 1866 13-13-13 Unit Notes Symbol IDD0 30 32 33 34 mA x4/x8 41 42 43 44 mA x16 IDD01 37 39 40 41 mA x4/x8 51 53 53 54 mA x16 IDD2P0 8 888 mA x4/x8 12 12 12 13 mA x16 IDD2P1 910 10 11 mA x4/x8 14 14 14 15 mA x16 IDD2N 15 16 17 18 mA x4/x8 20 20 22 23 mA x16 IDD2NT 18 20 21 22 mA x4/x8 23 24 27 29 mA x16 IDD2Q 16 17 17 17 mA x4/x8 20 21 23 24 mA x16 IDD3P 17 17 18 18 mA x4/x8 18 18 19 20 mA x16 IDD3N 24 25 26 27 mA x4/x8 26 27 29 29 mA x16 IDD4R 65 75 85 95 mA x4/x8 90 110 125 140 mA x16 IDD4w 70 80 90 100 mA x4/x8 100 120 135 155 mA x16 IDD5B 200 200 200 200 mA x4/x8/x16 IDD6 12 12 12 12 mA x4/x8, 1 15 15 15 15 mA x16, 1 IDD6ET 16 16 16 16 mA x4/x8, 2 18 18 18 18 mA x16, 2 IDD7 110 130 135 145 mA x4/x8 170 195 200 205 mA x16 |