| データシートサーチシステム |
|
H5TQ2G43EFR-RDC データシート(PDF) 24 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TQ2G43EFR-RDC データシート(HTML) 24 Page - Hynix Semiconductor |
|
24 / 33 page ![]() Rev. 1.1 / Apr. 2013 24 IDD Specifications IDD values are for full operating range of voltage and temperature unless otherwise noted. IDD Specification Notes: 1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC. 2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC. Speed Grade Bin DDR3 - 1066 7-7-7 DDR3 - 1333 9-9-9 DDR3 - 1600 11-11-11 DDR3 - 1866 13-13-13 DDR3 - 2133 14-14-14 Unit Notes Symbol Max. Max. Max. Max. Max. IDD0 30 30 35 35 35 mA IDD01 35 40 40 40 45 mA IDD2P0 12 12 12 12 12 mA IDD2P1 15 15 15 17 17 mA IDD2N 15 18 18 18 20 mA IDD2NT 18 20 21 24 25 mA IDD2Q 15 18 18 18 20 mA IDD3P 15 15 15 17 17 mA IDD3N 20 20 23 23 23 mA IDD4R 60 70 85 95 105 mA IDD4w 65 75 85 95 105 mA IDD5B 160 160 160 160 160 mA IDD6 12 12 12 12 12 mA 1 IDD6ET 14 14 14 14 14 mA 2 IDD7 115 125 130 145 160 mA |