| データシートサーチシステム |
|
H5TQ4G63MFR-RDC データシート(PDF) 12 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TQ4G63MFR-RDC データシート(HTML) 12 Page - Hynix Semiconductor |
|
12 / 34 page ![]() Rev. 1.0 / Nov. 2012 12 AC & DC Operating Conditions Recommended DC Operating Conditions Recommended DC Operating Conditions Symbol Parameter Rating Units Notes Min. Typ. Max. VDD Supply Voltage 1.425 1.500 1.575 V 1,2 VDDQ Supply Voltage for Output 1.425 1.500 1.575 V 1,2 Notes: 1. Under all conditions, VDDQ must be less than or equal to VDD. 2. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together. |