| データシートサーチシステム |
|
B7A-R3A18 データシート(PDF) 20 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B7A-R3A18 データシート(HTML) 20 Page - Omron Electronics LLC |
|
20 / 38 page ![]() CS1 Ordering Guide 497 C200H Special I/O Modules Item Description Mountable Racks Standards Part number CPU Rack C200H Ex- pansion I/O Racks CS1 Ex- pansion Racks SYSMAC BUS Slave Racks PC Link Module PC Link, single level: 32 Modules; multilevel: 16 Modules Yes Yes Yes No N, L, CE C200H-LK401 (See Note 1.) SYSMAC BUS Remote I/O Master Modules Wired Yes Yes Yes No N, L, CE C200H-RM201 (See Note 2.) Fiber-optic Yes Yes Yes No N, L,CE C200H-RM001-PV1 (See Note 2.) Special Note: For current consumption, refer to Current Consumption Tables (the last 6 pages of this ordering guide). Note: 1. PC Link Modules are allocated up to 1,024 bits (64 words) in the Link Area. 2. Each Slave Rack connected to a Remote I/O Master Module is allocated 10 words in the SYSMAC BUS Area. Each I/O Terminal is allocated 1 word in the I/O Terminal Area. 3. SYSMAC BUS Remote I/O Slave Devices, Cables, and Accessories can be found in manual W120, Appendix A. |