| データシートサーチシステム |
|
E5CN-R2MTD-500 データシート(PDF) 29 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CN-R2MTD-500 データシート(HTML) 29 Page - Omron Electronics LLC |
|
29 / 72 page ![]() E5AN/E5EN 29 Accessories (Order Separately) Mounting Bracket (Accessory) Waterproof Packing (Accessory) Terminal Cover (E53-COV16) (Accessory) Crimp terminal size: M3.5 96 112 48 79.2 6 91 2 E5EN 92 +0.8 0 92 +0.8 0 45 +0.6 0 120 min. (48 × number of units − 2.5) +1.0 0 Group mounting does not allow waterproofing. Mounted Separately Group Mounted • Recommended panel thickness is 1 to 8 mm. • Group mounting is not possible in the vertical direction. (Maintain the specified mounting space between Controllers.) • To mount the Controller so that it is waterproof, insert the waterproof packing onto the Controller. • When two or more Controllers are mounted, make sure that the surrounding temperature does not exceed the allowable operating temperature specified in the specifications. (2,100) 250 1,765 USB connector (type A plug) Serial connector LED (RD) LED (SD) USB-Serial Conversion Cable E58-CIFQ1 Terminal Covers E53-COV16 (Six Covers provided.) 10 1.2 3.2 44.8 |