| データシートサーチシステム |
|
PIC24EF データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24EF データシート(HTML) 2 Page - Microchip Technology |
|
2 / 20 page ![]() 2 16-bit Embedded Control Solutions 16-bit Embedded Control Solutions Resources available at www.microchip.com/16bit ■ Product Information ■ Application Solutions ■ Design Tools ■ Web Seminars ■ Application Notes & Reference Designs The top challenges facing today’s embedded system designer are attaining product specification and performance goals, achieving on-time market launch and meeting cost targets. Microchip’s 16-bit Microcontroller & Digital Signal Controller families deliver the performance, peripherals, software and hardware development tools to meet these objectives. Integrated DSP ■ Look and feel of MCU ■ Single cycle 16 × 16 MAC ■ 40-bit accumulators ■ Dual operand fetches ■ Saturation and rounding modes ■ Free libraries and low cost filter design tools Powerful 16-bit CPU ■ CoreMark™/MHz 1.88 (EEMBC Certified) ■ Single cycle execution ■ Deterministic interrupt response ■ Single cycle bit manipulation ■ Single-cycle multiply ■ Zero overhead looping ■ Fast DMA: no cycle stealing Innovative Peripherals ■ Motor control peripherals ■ SMPS peripherals ■ Graphics controller ■ CTMU for mTouch technology ■ USB Device/Embedded Host/OTG ■ CAN ■ Peripheral trigger generator ■ Intelligent analog Small Packages ■ Packages as small as 5 × 5 mm ■ 16-bit MCU with 128 KB Flash in a 6 × 6 mm package ■ Peripheral Pin Select allows access to the peripherals needed Flexible Flash ■ High endurance, flexible and secure Flash ■ Advanced security features ■ Program and data storage ■ Self-program features Power Saving Options ■ eXtreme Low Power technology ■ Deep sleep current as low as 10 nA ■ Options to reduce speed or disable CPU ■ Application software can alter clock speeds ■ Vbat battery backup Broad Portfolio ■ 16–70 MIPS, DSP options ■ 4–512 KB Flash ■ 256B–96 KB RAM ■ 14–144 Pins Efficient Energy ■ Longer battery life in portable applications ■ High efficiency motor control ■ Platinum-rated digital power supplies Easy Migration ■ Unified development environment ■ Industry-leading code efficiency ■ Lower total system cost ■ Faster time-to-market High Performance Peripherals ■ Fast and flexible PWMs ■ Integrated ADCs, Op Amps, DACs, LCD ■ Connectivity with USB, CAN, LIN Free Software & Reference Designs ■ Shorten design cycle & reduce risk ■ USB, TCP/IP, graphics and wireless stacks ■ Motor control example software ■ DSP math function library (FFT, IIR, etc.) ■ Reference designs for digital power & lighting applications dsPIC ® Digital Signal Control ler PIC24 |