| データシートサーチシステム |
|
DSPIC33EMC データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33EMC データシート(HTML) 19 Page - Microchip Technology |
|
19 / 20 page ![]() 19 16-bit Embedded Control Solutions 16-bit Packages Microchip Quick Web Links 16-bit MCUs and DSCs Home Page www.microchip.com/16bit Advanced Part Selector www.microchip.com/maps Application Notes www.microchip.com/applicationnotes Connectivity www.microchip.com/connectivity Datasheet Finder Tool www.microchip.com/datasheets Digital Power www.microchip.com/power eXtreme Low Power www.microchip.com/xlp Graphics www.microchip.com/graphics Motor Control www.microchip.com/motor Segmented Displays www.microchip.com/LCD Software Libraries www.microchip.com/libraries Touch Sensing www.microchip.com/mtouch 18-lead PDIP (P) 22.81 × 7.95 × 3.3 mm (Lead Pitch: 0.1 inches) 28-lead SPDIP (SP) 34.67 × 7.87 × 3.3 mm (Lead Pitch: 0.1 inches) 40-lead PDIP (P) 52.27 × 15.24 × 3.81 mm (Lead Pitch: 0.1 inches) 20-lead PDIP (P) 26.24 × 7.87 × 3.3 mm (Lead Pitch: 0.1 inches) 18-lead SOIC (SO) 11.53 × 10.34 × 2.31 mm (Lead Pitch: 1.27 mm) 28-lead SOIC (SO) 17.88 × 10.34 × 2.31 mm (Lead Pitch: 1.27 mm) 20-lead SOIC (SO) 12.80 × 10.34 × 2.31 mm (Lead Pitch: 1.27 mm) 20-lead SSOP (SS) 7.2 × 7.85 × 1.85 mm (Lead Pitch: 0.65 mm) 28-lead SSOP (SS) 10.2 × 7.8 × 2 mm (Lead Pitch: 0.65 mm) 14-lead TSSOP (ST) 5.0 × 6.4 × 1.2 mm (Lead Pitch: 0.65 mm) 64-lead QFN (MR) 9 × 9 × 0.5 mm (Lead Pitch: 0.5 mm) 28-lead QFN (MQ) 5 × 5 mm (Lead Pitch: 0.65 mm) 28-lead QFN (MM & ML) 6 × 6 × 0.9 mm (Lead Pitch: 0.65 mm) 36-lead VTLA (TL) 5 × 5 × 0.9 mm (Lead Pitch: 0.5 mm) 44-lead VTLA (TL) 6 × 6 × 0.9 mm (Lead Pitch: 0.5 mm) 44-lead QFN (ML) 8 × 8 × 0.65 mm (Lead Pitch: 0.65 mm) 144-lead TQFP (PH) 16 × 16 × 1 mm (Lead Pitch: 0.4 mm) 144-lead LQFP (PL) 20 × 20 × 1.4 mm (Lead Pitch: 0.5 mm) 44-lead TQFP (PT) 10 × 10 × 1 mm (Lead Pitch: 0.8 mm) 64-lead TQFP (PT) 10 × 10 × 1 mm (Lead Pitch: 0.5 mm) 100-lead TQFP (PT) 12 × 12 × 1 mm (Lead Pitch: 0.4 mm) 80-lead TQFP (PT) 12 × 12 × 1 mm (Lead Pitch: 0.5 mm) 121-ball BGA (BG) 10 × 10 × 0.8 mm (Lead Pitch: 0.8 mm) 20-lead QFN (MQ) 5 × 5 × 0.9 mm (Lead Pitch: 0.65 mm) 14-lead PDIP (P) 19 × 6.35 × 3.3 mm (Lead Pitch: 0.1 inches) 64-lead TQFP (PF) 14 × 14 × 1 mm (Lead Pitch: 0.8 mm) 80-lead TQFP (PF) 14 × 14 × 1 mm (Lead Pitch: 0.65 mm) 100-lead TQFP (PF) 14 × 14 × 1 mm (Lead Pitch: 0.5 mm) Die/Wafer (WLCSP) For more information about chipscale packaging options, please visit www.microchip.com/packaging. |