| データシートサーチシステム |
|
H5TC2G63DFRPBA データシート(PDF) 21 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TC2G63DFRPBA データシート(HTML) 21 Page - Hynix Semiconductor |
|
21 / 33 page ![]() Rev. 1.0 / Sep. 2012 21 Table 5 - IDD2N and IDD3N Measurement-Loop Patterna) a) DM must be driven LOW all the time. DQS, DQS are MID-LEVEL. b) DQ signals are MID-LEVEL. Table 6 - IDD2NT and IDDQ2NT Measurement-Loop Patterna) a) DM must be driven LOW all the time. DQS, DQS are MID-LEVEL. b) DQ signals are MID-LEVEL. Datab) 0 0 D1 0 0 0 0 0 0 0 0 0 0 - 1D 1 0 0 0 0 0 0 0 0 0 0 - 2D 11 1 1 0 0 0 0 0 F 0 - 3D 11 1 1 0 0 0 0 0 F 0 - 1 4-7 repeat Sub-Loop 0, use BA[2:0] = 1 instead 2 8-11 repeat Sub-Loop 0, use BA[2:0] = 2 instead 3 12-15 repeat Sub-Loop 0, use BA[2:0] = 3 instead 4 16-19 repeat Sub-Loop 0, use BA[2:0] = 4 instead 5 20-23 repeat Sub-Loop 0, use BA[2:0] = 5 instead 6 24-17 repeat Sub-Loop 0, use BA[2:0] = 6 instead 7 28-31 repeat Sub-Loop 0, use BA[2:0] = 7 instead Datab) 0 0 D1 0 0 0 0 0 0 0 0 0 0 - 1D 1 0 0 0 0 0 0 0 0 0 0 - 2D 11 1 1 0 0 0 0 0 F 0 - 3D 11 1 1 0 0 0 0 0 F 0 - 1 4-7 repeat Sub-Loop 0, but ODT = 0 and BA[2:0] = 1 2 8-11 repeat Sub-Loop 0, but ODT = 1 and BA[2:0] = 2 3 12-15 repeat Sub-Loop 0, but ODT = 1 and BA[2:0] = 3 4 16-19 repeat Sub-Loop 0, but ODT = 0 and BA[2:0] = 4 5 20-23 repeat Sub-Loop 0, but ODT = 0 and BA[2:0] = 5 6 24-17 repeat Sub-Loop 0, but ODT = 1 and BA[2:0] = 6 7 28-31 repeat Sub-Loop 0, but ODT = 1 and BA[2:0] = 7 |