| データシートサーチシステム |
|
CTX0.47-1-R データシート(PDF) 5 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
CTX0.47-1-R データシート(HTML) 5 Page - Cooper Bussmann, Inc. |
|
5 / 8 page ![]() ECONO-PAC™/OCTA-PAC® OCTA-PAC® PLUS Power Inductors and Transformers P Pa arra alllle ell R Ra attiin ng gs s S Se erriie es s R Ra attiin ng gs s P Pa arrtt N Nu um mb be err R Ra atte ed d O OC CL L ((1 1)) II s sa att.. ((2 2)) II rrm ms s.. ((3 3)) D DC CR R Ω Ω ((44)) V Vo olltt ((7 7)) O OC CL L ((1 1)) II s sa att.. ((2 2)) II rrm ms s.. ((3 3)) D DC CR R Ω Ω ((44)) V Vo olltt ((7 7)) IIn nd du uc ctta an nc ce e n no om miin na all A Am mp pe erre es s A Am mp pe erre es s m ma ax x.. µ µ--S Se ec c n no om miin na all A Am mp pe erre es s A Am mp pe erre es s m ma ax x.. µ µ--S Se ec c ((µ µH H)) + +//--2 25 5% % P Pe ea ak k @ @ 2 20 0° °C C.. + +//--2 25 5% % P Pe ea ak k @ @ 2 20 0° °C C.. ((µ µH H)) ((µ µH H)) C CT TX X6 68 8--3 3A A--R R 68.0 68.80 1.13 1.28 0.253 12.9 275.2 0.56 0.64 1.013 25.8 C CT TX X1 10 00 0--3 3A A--R R 100.0 99.07 0.94 1.05 0.379 15.5 396.3 0.47 0.53 1.514 30.9 C CT TX X1 15 50 0--3 3A A--R R 150.0 149.7 0.76 0.86 0.571 19.0 598.7 0.38 0.43 2.283 38.0 C CT TX X2 20 00 0--3 3A A--R R 200.0 198.8 0.66 0.71 0.829 21.9 795.3 0.33 0.35 3.315 43.8 C CT TX X3 30 00 0--3 3A A--R R 300.0 296.2 0.54 0.56 1.309 26.7 1185 0.27 0.28 5.236 53.5 C CT TX X0 0..3 33 3--4 4A A--R R 0.33 0.313 22.5 12.2 0.0030 0.98 1.25 11.25 6.09 0.0119 1.96 C CT TX X0 0..6 68 8--4 4A A--R R 0.68 0.744 15.0 10.6 0.0040 1.47 2.98 7.50 5.28 0.0158 2.94 C CT TX X1 1--4 4A A--R R 1.0 1.39 11.25 9.23 0.0052 1.96 5.57 5.63 4.62 0.0207 3.93 C CT TX X2 2--4 4A A--R R 2.0 2.18 9.00 8.38 0.0063 2.45 8.70 4.50 4.19 0.0251 4.91 C CT TX X5 5--4 4A A--R R 5.0 4.26 6.43 7.21 0.0085 3.44 17.05 3.21 3.61 0.0339 6.87 C CT TX X8 8--4 4A A--R R 8.0 8.70 4.50 5.49 0.015 4.91 34.80 2.25 2.74 0.059 9.81 C CT TX X1 10 0--4 4A A--R R 10.0 10.53 4.09 4.67 0.020 5.40 42.11 2.05 2.33 0.081 10.8 C CT TX X1 15 5--4 4A A--R R 15.0 14.70 3.46 3.87 0.029 6.38 58.81 1.73 1.94 0.117 12.8 C CT TX X2 20 0--4 4A A--R R 20.0 19.58 3.00 3.62 0.034 7.36 78.30 1.50 1.81 0.135 14.7 C CT TX X2 25 5--4 4A A--R R 25.0 25.14 2.65 3.02 0.048 8.34 100.51 1.32 1.51 0.193 16.7 C CT TX X3 33 3--4 4A A--R R 33.0 34.80 2.25 2.49 0.071 9.81 139.2 1.13 1.25 0.283 19.6 C CT TX X5 50 0--4 4A A--R R 50.0 50.11 1.88 2.05 0.104 11.8 200.4 0.94 1.03 0.418 23.6 C CT TX X6 68 8--4 4A A--R R 68.0 68.21 1.61 1.70 0.153 13.7 272.8 0.80 0.85 0.612 27.5 C CT TX X1 10 00 0--4 4A A--R R 100.0 100.57 1.32 1.37 0.235 16.7 402.3 0.66 0.69 0.939 33.4 C CT TX X1 15 50 0--4 4A A--R R 150.0 153.5 1.07 1.10 0.365 20.6 613.9 0.54 0.55 1.462 41.2 C CT TX X2 20 00 0--4 4A A--R R 200.0 200.4 0.94 0.92 0.521 23.6 801.8 0.47 0.46 2.085 47.1 C CT TX X3 30 00 0--4 4A A--R R 300.0 302.8 0.76 0.75 0.787 29.0 1211 0.38 0.37 3.148 57.9 1) Open Circuit Inductance Test Parameters: 100kHz, 0.250 Vrms, 0.0 Adc Parallel: (1,4 - 3,2) Series: (1 - 3) tie (2 - 4) 2) Peak current for approximately 30% roll-off 3) RMS current, delta temp. of 40° C ambient temperature of 85° C 4) DCR @ 20°C 5) Hipot rating: winding to winding: 300Vdc min. 6) Turns Ratio: (1-2):(4-3) 1:1 7) Applied volt-time product (v-us) across the inductor. This value represents the applied V-us at 300KHz necessary to generate a core loss equal to 10% of the total losses for a 40°C temperature rise. |