| データシートサーチシステム |
|
7101L3CWCQE データシート(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
7101L3CWCQE データシート(HTML) 2 Page - C&K Components |
|
2 / 14 page ![]() F–4 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F 7000 Series Miniature Toggle Switches 1/4-40 UNS-2A KEYWAY DPDT 2-1,5-4 2-1,5-4 2-1,5-4 2-1,5-4 N/A OPEN N/A 2-3,5-4 2-3,5-6 2-3,5-6 2-3,5-6 2-3,5-6 ON NONE ON ON OFF ON MOM. OFF MOM. ON OFF MOM. ON NONE MOM. ON ON ON ON ON MOM. MOM. ON MOM. U21 U23 U25 U27 U28 U211* U213* U215* 7201 7203 7205 7207 7208 7211 * 7213* 7215* DP 1/4-40 UNS-2A KEYWAY SPDT 2-1 2-1 2-1 2-1 N/A OPEN N/A 2-3 2-3 2-3 2-3 N/A ON NONE ON ON OFF ON MOM. OFF MOM. ON OFF MOM. ON NONE MOM. NONE ON MOM. U11 U13 U15 U17 U18 U19 7101 7103 7105 7107 7108 7109 SP SCHEMATIC CONNECTED TERMINALS POS. 1 POS. 2 POS. 3 SWITCH FUNCTION POS. 1 POS. 2 POS. 3 UL/CSA** MODEL NO. MODEL NO. NO. POLES Terminal Numbers For Reference Only Terminal Numbers For Reference Only DPDT SPDT Part number shown: 7101SYZBE Part number shown: 7201SYZQE MOM. = Momentary * Wiring for 3-way switch, see Section N. ** U11–U415 model nos. with all options when ordered with G, R, Q or S contact material. Materials CASE: Glass filled nylon 6/6, flame retardant, heat stabilized, or diallyl phthalate (DAP) (UL 94V-0). ACTUATOR: Brass, chrome plated. BUSHING: Brass or zinc, nickel plated. HOUSING: Stainless steel. SWITCH SUPPORT: Brass or steel, tin plated. END CONTACTS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Coin silver, silver plated. See page F-15 for additional contact materials. CENTER CONTACTS & ALL TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Copper alloy, silver plated. See above for additional contact materials. TERMINAL SEAL: Epoxy. HARDWARE: Nut & Locking Ring: Brass, nickel plated. Lockwasher: Steel, nickel plated. NOTE: Materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. SWITCH FUNCTION |