| データシートサーチシステム |
|
APV1122 データシート(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
APV1122 データシート(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 3 page ![]() mm inch Type Dimensions AQW21 ❍EH AQW21 ❍HL AQW41 ❍EH AQW61 ❍EH Series APV21 (SSOP) AQY22 (SSOP) Series APV21(SOP) APV11(SOP) AQY21(SOP) AQY22(SOP) AQY41(SOP) Series AQV21(SOP) AQV22(SOP) AQV41(SOP) Series AQW21(SOP) AQW61(SOP) Series Through hole terminal type Surface mount terminal type PC board pattern (Bottom view) Tolerance: ±0.1 ±.004 General tolerance: ±0.1 ±.004 General tolerance: ±0.1 ±.004 Terminal thickness = 0.2 .008 Terminal thickness = 0.2 .008 Tolerance: ±0.1 ±.004 Mounting pad (Top view) 8-0.8 dia. 8-.031 dia. 7.62 .300 7.62 .300 6.4 .252 2.54 .100 2.54 .100 8.3 .327 1.9 .075 1.5 .059 2.54 .100 2.54 .100 2.54 .100 1.0 .039 2.7 ±0.05 .106 ±.002 7.62 ±0.05 .300 ±.002 Max. 10 ° 6.4 ±0.05 .252 ±.002 9.86 ±0.05 .388 ±.002 6.4 ±0.05 .252 ±.002 9.86 ±0.05 .388 ±.002 2.7 ±0.05 .106 ±.002 7.62 ±0.05 .300 ±.002 Max. 10 ° Max. 10 ° 0.33 .013 0.2 .008 1.0 .039 3.0 .118 0.47 .019 3.2 ±0.2 .126 ±.008 0.47 .019 0.47 .019 0.47 .019 2.54 .100 2.54 .100 2.54 .100 1.0 .039 1.0 .039 1.0 .039 1.0 .039 2.7 ±0.05 .106 ±.002 0.47 .019 0.47 .019 0.47 .019 0.47 .019 2.54 .100 2.54 .100 2.54 .100 0.2 .008 ±0.2 0 ±.008 0 Terminal thickness = 0.15 .006 General tolerance: ±0.5 ±.020 Tolerance: ±0.1 ±.004 Recommended mounting pad (TOP VIEW) 4.45 .175 1.80 .071 0.20 .008 0.20 .008 (4.85) (.191) 0.40 .016 0.40 .016 1.27 .050 2.65 .104 0.70 .028 0.90 .035 4.35 .171 1.27 .050 Recommended mounting pad (Top view) 4.4 .173 4.3 .169 2.0 .079 2.54 .100 0.1 .004 0.4 .016 6.8 .268 0.5 .020 0.5 .020 0.4 .016 ±0.2 ±.008 ±.008 ±.008 ±0.2 ±0.2 ±0.4 ±.016 1.2 .047 0.8 .031 2.54 .100 6 .236 Terminal thickness = 0.15 .006 General tolerance: ±0.1 ±.004 Tolerance: ±0.1 ±.004 0.5 .020 0.1 .004 0.5 .020 6.8 ±0.4 .268 ±.016 2 ±0.2 .079 ±.008 4.4 ±0.2 .173 ±.008 6.3 ±0.2 .248 ±.008 2.54 .100 0.4 .016 0.4 .016 0.4 .016 2.54 .100 2.54 .100 1.2 .047 6 .236 0.8 .031 2.54 .100 Recommended mounting pad (Top view) Terminal thickness = 0.15 .006 General tolerance: ±0.1 ±.004 Tolerance: ±0.1 ±.004 Recommended mounting pad (Top view) 0.5 .020 0.5 .020 6.8 ±0.4 .268 ±.016 4.4 ±0.2 .173 ±.008 9.37 ±0.2 .369 ±.008 2 ±0.2 .079 ±.008 0.1 .004 0.4 .016 0.4 .016 0.4 .016 0.4 .016 2.54 .100 2.54 .100 2.54 .100 2.54 .100 1.2 .047 6 .236 0.8 .031 2.54 .100 2.54 .100 Terminal thickness = 0.15 .006 General tolerance: ±0.1 ±.004 Tolerance: ±0.1 ±.004 All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd. |