データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6206Q データシート(PDF) 21 Page - STMicroelectronics

部品番号 L6206Q
部品情報  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206Q データシート(HTML) 21 Page - STMicroelectronics

Back Button L6206Q Datasheet HTML 17Page - STMicroelectronics L6206Q Datasheet HTML 18Page - STMicroelectronics L6206Q Datasheet HTML 19Page - STMicroelectronics L6206Q Datasheet HTML 20Page - STMicroelectronics L6206Q Datasheet HTML 21Page - STMicroelectronics L6206Q Datasheet HTML 22Page - STMicroelectronics L6206Q Datasheet HTML 23Page - STMicroelectronics L6206Q Datasheet HTML 24Page - STMicroelectronics L6206Q Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID022028 Rev 3
21/27
L6206Q
Output current capability and IC power dissipation
27
7
Output current capability and IC power dissipation
Figure 18 and Figure 19 show the approximate relation between the output current and the
IC power dissipation using PWM current control driving two loads, for two different driving
types:
One full bridge ON at a time (Figure 18) in which only one load at a time is energized.
Two full bridges ON at the same time (Figure 19) in which two loads at the same time
are energized.
For a given output current and driving type the power dissipated by the IC can be easily
evaluated, in order to establish which package should be used and how large the onboard
copper dissipating area must be in order to guarantee a safe operating junction temperature
(125 °C maximum).
Figure 18. IC power dissipation vs. output current with one full bridge on at a time
Figure 19. IC power dissipation vs. output current with two full bridges ON at the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27