データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N0214 データシート(PDF) 4 Page - STMicroelectronics

部品番号 N0214
部品情報  Very high voltage NPN power transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N0214 データシート(HTML) 4 Page - STMicroelectronics

  N0214 Datasheet HTML 1Page - STMicroelectronics N0214 Datasheet HTML 2Page - STMicroelectronics N0214 Datasheet HTML 3Page - STMicroelectronics N0214 Datasheet HTML 4Page - STMicroelectronics N0214 Datasheet HTML 5Page - STMicroelectronics N0214 Datasheet HTML 6Page - STMicroelectronics N0214 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package mechanical data
STN0214
4/7
Doc ID 022769 Rev 1
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7