| データシートサーチシステム |
|
USB5532B データシート(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5532B データシート(HTML) 37 Page - Microchip Technology |
|
37 / 40 page ![]() 2-Port SS/HS USB Hub Controller Datasheet SMSC USB5532B 37 Revision 1.2 (05-31-13) DATASHEET Chapter 9 Datasheet Revision History Table 9.1 Customer Revision History REVISION LEVEL & DATE SECTION/FIGURE/ENTRY CORRECTION Rev. 1.2 (05-31-13) All Removed industrial temp. SKU information from document. Section 6.1: Maximum Guaranteed Ratings on page 28 Added maximum power consumption row/data to table. Section 6.2: Operating Conditions on page 29 Added maximum die temperature row/data to table. Section 6.3: Power Consumption on page 30 Added power consumption numbers Note 3.1 on page 14 and Note 3.3 on page 14 Updated note to reflect configuration straps are enabled by default. Chapter 3: Pin Information on page 10 Updated TRST pin description with the following note: “If using the SMBus interface, a pull-up on this signal will enable Legacy Mode, while leaving it unconnected or pulled-down will enable Advanced Mode.” Chapter 8: Package Drawing on page 35 Updated recommended land pattern drawings and information. |