| データシートサーチシステム |
|
DSPIC33FJ32GP202TH/SP データシート(PDF) 256 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/SP データシート(HTML) 256 Page - Microchip Technology |
|
256 / 403 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292D-page 256 Preliminary 2009 Microchip Technology Inc. FIGURE 21-3: ADC CONVERSION CLOCK PERIOD BLOCK DIAGRAM 0 1 ADC Internal RC Clock(2) TOSC(1) X 2 ADC Conversion Clock Multiplier 1, 2, 3, 4, 5,..., 64 AD1CON3<15> TCY TAD 6 AD1CON3<5:0> Note 1: Refer to Figure 8-2 for the derivation of Fosc when the PLL is enabled. If the PLL is not used, Fosc is equal to the clock source frequency. Tosc = 1/Fosc. 2: See the ADC electrical characteristics for the exact RC clock value. |