| データシートサーチシステム |
|
DSPIC33FJ32GP202TH/SP データシート(PDF) 90 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/SP データシート(HTML) 90 Page - Microchip Technology |
|
90 / 403 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292D-page 90 Preliminary 2009 Microchip Technology Inc. 47 0x000062 0x000162 Reserved 48 0x000064 0x000164 Reserved 49 0x000066 0x000166 Reserved 50 0x000068 0x000168 Reserved 51 0x00006A 0x00016A Reserved 52 0x00006C 0x00016C Reserved 53 0x00006E 0x00016E PMP – Parallel Master Port 54 0x000070 0x000170 DMA – DMA Channel 4 55 0x000072 0x000172 Reserved 56 0x000074 0x000174 Reserved 57 0x000076 0x000176 Reserved 58 0x000078 0x000178 Reserved 59 0x00007A 0x00017A Reserved 60 0x00007C 0x00017C Reserved 61 0x00007E 0x00017E Reserved 62 0x000080 0x000180 Reserved 63 0x000082 0x000182 Reserved 64 0x000084 0x000184 Reserved 65 0x000086 0x000186 Reserved 66 0x000088 0x000188 Reserved 67 0x00008A 0x00018A DCIE – DCI Error 68 0x00008C 0x00018C DCI – DCI Transfer Done 69 0x00008E 0x00018E DMA5 – DMA Channel 5 70 0x000090 0x000190 RTCC – Real Time Clock 71 0x000092 0x000192 Reserved 72 0x000094 0x000194 Reserved 73 0x000096 0x000196 U1E – UART1 Error 74 0x000098 0x000198 U2E – UART2 Error 75 0x00009A 0x00019A CRC – CRC Generator Interrupt 76 0x00009C 0x00019C DMA6 – DMA Channel 6 77 0x00009E 0x00019E DMA7 – DMA Channel 7 78 0x0000A0 0x0001A0 C1TX – ECAN1 TX Data Request 79 0x0000A2 0x0001A2 Reserved 80 0x0000A4 0x0001A4 Reserved 81 0x0000A6 0x0001A6 Reserved 82 0x0000A8 0x0001A8 Reserved 83 0x0000AA 0x0001AA Reserved 84 0x0000AC 0x0001AC Reserved 85 0x0000AE 0x0001AE Reserved 86 0x0000B0 0x0001B0 DAC1R – DAC1 Right Data Request 87 0x0000B2 0x0001B2 DAC1L – DAC1 Left Data Request 88-126 0x0000B4-0x0000FE 0x0001B4-0x0001FE Reserved TABLE 7-1: INTERRUPT VECTORS (CONTINUED) Vector Number IVT Address AIVT Address Interrupt Source |