| データシートサーチシステム |
|
DSPIC33FJ32GP202TH/SP データシート(PDF) 359 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/SP データシート(HTML) 359 Page - Microchip Technology |
|
359 / 403 page ![]() 2009 Microchip Technology Inc. Preliminary DS70292D-page 359 dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 FIGURE 30-21: ADC CONVERSION (10-BIT MODE) TIMING CHARACTERISTICS (CHPS<1:0> = 01, SIMSAM = 0, ASAM = 0, SSRC<2:0> = 000) FIGURE 30-22: ADC CONVERSION (10-BIT MODE) TIMING CHARACTERISTICS (CHPS<1:0> = 01, SIMSAM = 0, ASAM = 1, SSRC<2:0> = 111, SAMC<4:0> = 00001) AD55 TSAMP Clear SAMP Set SAMP AD61 ADCLK Instruction SAMP AD60 DONE AD1IF 1 2 3 4 5 6 8 5 6 7 1 – Software sets AD1CON. SAMP to start sampling. 2 – Sampling starts after discharge period. TSAMP is described in Section 28. “Analog-to-Digital Converter (ADC) 3 – Software clears AD1CON. SAMP to start conversion. 4 – Sampling ends, conversion sequence starts. 5 – Convert bit 9. 8 – One TAD for end of conversion. AD50 7 AD55 8 6 – Convert bit 8. 7 – Convert bit 0. Execution without DMA” (DS70210) in the “dsPIC33F/PIC24H Family Reference Manual”. 1 2 3 4 5 6 4 5 6 8 1 – Software sets AD1CON. ADON to start AD operation. 2 – Sampling starts after discharge period. TSAMP is described in 3 – Convert bit 9. 4 – Convert bit 8. 5 – Convert bit 0. 7 3 6 – One TAD for end of conversion. 7 – Begin conversion of next channel. 8 – Sample for time specified by SAMC<4:0>. ADCLK Instruction Set ADON Execution SAMP TSAMP AD1IF DONE AD55 AD55 TSAMP AD55 AD50 Section 28. “Analog-to-Digital Converter (ADC) without DMA” (DS70210) in the “dsPIC33F/PIC24H Family Reference Manual'. |