データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ32GP202TH/MM データシート(PDF) 254 Page - Microchip Technology

部品番号 DSPIC33FJ32GP202TH/MM
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/MM データシート(HTML) 254 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/MM Datasheet HTML 250Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 251Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 252Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 253Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 254Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 255Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 256Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 257Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 258Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 254
Preliminary
 2009 Microchip Technology Inc.
FIGURE 21-1:
ADC1 MODULE BLOCK DIAGRAM FOR dsPIC33FJ32GP304,
dsPIC33FJ64GP204/804 AND dsPIC33FJ128GP204/804 DEVICES
SAR ADC
S/H0
S/H1
ADC1BUF0
AN0
AN12
AN1
VREFL
CH0SB<4:0>
CH0NA CH0NB
+
-
AN0
AN3
CH123SA
AN9
VREFL
CH123SB
CH123NA CH123NB
AN6
+
-
S/H2
AN1
AN4
CH123SA
AN10
VREFL
CH123SB
CH123NA CH123NB
AN7
+
-
S/H3
AN2
AN5
CH123SA
AN11
VREFL
CH123SB
CH123NA CH123NB
AN8
+
-
CH1(2)
CH0
CH2(2)
CH3(2)
CH0SA<4:0>
CHANNEL
SCAN
CSCNA
Alternate
Note
1:
VREF+, VREF- inputs can be multiplexed with other analog inputs.
2:
Channels 1, 2 and 3 are not applicable for the 12-bit mode of operation.
Input Selection
VREFH
VREFL
AVDD
AVSS
VREFL-(1)
VREFL+(1)
VCFG<2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More