データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ32GP202TH/MM データシート(PDF) 90 Page - Microchip Technology

部品番号 DSPIC33FJ32GP202TH/MM
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/MM データシート(HTML) 90 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/MM Datasheet HTML 86Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 87Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 88Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 89Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 90Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 91Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 92Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 93Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 90
Preliminary
 2009 Microchip Technology Inc.
47
0x000062
0x000162
Reserved
48
0x000064
0x000164
Reserved
49
0x000066
0x000166
Reserved
50
0x000068
0x000168
Reserved
51
0x00006A
0x00016A
Reserved
52
0x00006C
0x00016C
Reserved
53
0x00006E
0x00016E
PMP – Parallel Master Port
54
0x000070
0x000170
DMA – DMA Channel 4
55
0x000072
0x000172
Reserved
56
0x000074
0x000174
Reserved
57
0x000076
0x000176
Reserved
58
0x000078
0x000178
Reserved
59
0x00007A
0x00017A
Reserved
60
0x00007C
0x00017C
Reserved
61
0x00007E
0x00017E
Reserved
62
0x000080
0x000180
Reserved
63
0x000082
0x000182
Reserved
64
0x000084
0x000184
Reserved
65
0x000086
0x000186
Reserved
66
0x000088
0x000188
Reserved
67
0x00008A
0x00018A
DCIE – DCI Error
68
0x00008C
0x00018C
DCI – DCI Transfer Done
69
0x00008E
0x00018E
DMA5 – DMA Channel 5
70
0x000090
0x000190
RTCC – Real Time Clock
71
0x000092
0x000192
Reserved
72
0x000094
0x000194
Reserved
73
0x000096
0x000196
U1E – UART1 Error
74
0x000098
0x000198
U2E – UART2 Error
75
0x00009A
0x00019A
CRC – CRC Generator Interrupt
76
0x00009C
0x00019C
DMA6 – DMA Channel 6
77
0x00009E
0x00019E
DMA7 – DMA Channel 7
78
0x0000A0
0x0001A0
C1TX – ECAN1 TX Data Request
79
0x0000A2
0x0001A2
Reserved
80
0x0000A4
0x0001A4
Reserved
81
0x0000A6
0x0001A6
Reserved
82
0x0000A8
0x0001A8
Reserved
83
0x0000AA
0x0001AA
Reserved
84
0x0000AC
0x0001AC
Reserved
85
0x0000AE
0x0001AE
Reserved
86
0x0000B0
0x0001B0
DAC1R – DAC1 Right Data Request
87
0x0000B2
0x0001B2
DAC1L – DAC1 Left Data Request
88-126
0x0000B4-0x0000FE
0x0001B4-0x0001FE Reserved
TABLE 7-1:
INTERRUPT VECTORS (CONTINUED)
Vector
Number
IVT Address
AIVT Address
Interrupt Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More