データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ32GP202TH/MM データシート(PDF) 390 Page - Microchip Technology

部品番号 DSPIC33FJ32GP202TH/MM
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/MM データシート(HTML) 390 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/MM Datasheet HTML 386Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 387Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 388Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 389Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 390Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 391Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 392Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 393Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 394Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 390
Preliminary
 2009 Microchip Technology Inc.
Section 30.0 “Electrical
Characteristics”
Updated Typical values for Thermal Packaging Characteristics (see
Table 30-3).
Updated Min and Max values for parameter DC12 (RAM Data Retention
Voltage) and added Note 4 (see Table 30-4).
Updated Power-Down Current Max values for parameters DC60b and
DC60c (see Table 30-7).
Updated Characteristics for I/O Pin Input Specifications and added
parameter DI21 (see Table 30-9).
Updated Program Memory values for parameters 136, 137, and 138
(renamed to 136a, 137a, and 138a), added parameters 136b, 137b, and
138b, and added Note 2 (see Table 30-12).
Added parameter OS42 (GM) to the External Clock Timing Requirements
(see Table 30-16).
Updated Watchdog Timer Time-out Period parameter SY20 (see
Table 30-21).
Updated the IREF Current Drain parameter AD08 (see Table 30-37).
Updated parameters AD30a, AD31a, AD32a, AD33a, and AD34a (see
Table 30-38)
Updated parameters AD30b, AD31b, AD32b, AD33b, and AD34b (see
Table 30-39)
TABLE A-2:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More