データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9018 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 9018
部品情報  INSULATED PC SPACERS/SUPPORTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

9018 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  9018 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
77
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
CAT.
L
Outside
Inside Mounting Screw
NO.
LENGTH
Diameter Diameter
Hole
Size
8829 .125 (3.2)
8830 .187 (4.7)
8831 .250 (6.4)
.260
.125
.187
#4
8832 .375 (9.5)
(6.6)
(3.2)
(4.7)
8833 .500 (12.7)
8834 .625 (15.9)
8835 .250 (6.4)
8836 .375 (9.5)
.312
.153
.234
#6
8837 .500 (12.7)
(7.9)
(3.9)
(5.9)
8838 .625 (15.9)
8839 .250 (6.4)
8840 .375 (9.5)
.312
.169
.234
#8
8841 .500 (12.7)
(7.9)
(4.3)
(5.9)
8842 .625 (15.9)
Board will be electrically insulated, eliminates need for insulating washers Easy snap-in assembly
No tool required for installation Designed for .062 (1.57) thick boards
STACKING SPACERS
THRU HOLE SPACERS
One piece design eliminates the need for additional screws and nuts Slim design frees up board space
Both ends permanently attach to chassis and board
Secure mounting end design allows for taller spacing
L
.150 [3.8]
FOR .062 [1.57]
THICK PCB
FOR .100 [2.6] DIA.
MOUNTING HOLE
.150 [3.8]
FOR .062 [1.57]
THICK CHASSIS
FOR .100 [2.6] DIA.
MOUNTING HOLE
.171
[4.4]
L
I.D.
O.D.
.125 [3.2]
FOR .062 [1.57]
THICK PCB
Spacers can be stacked for multiple level
PC board applications
Self-aligning
Base has larger surface area. Will not deform
under heavy pre-load.
L
.400 [10.2]
.312
[7.9]*
FOR NO. 6 [M3.5]
SELF-TAPPING SCREW
FOR .156 [4.0] DIA.
MOUNTING HOLE
FOR .062 [1.57]
THICK PCB
.312 [7.9]
HEX.
8-32 THREAD
.250
[6.4]
L
INSULATED PC SPACERS
/SUPPORTS
TENSION-FIT
EASY LOCK-IN
One end permanently attaches to chassis
Other end secures board with tension fit.
Board easily releasable for repairs or upgrades
Both ends permanently attach to chassis and board
Teardrop style mounting end eases assembly
Low protrusion above board and under chassis
One end attaches to
chassis with screw or
tapped hole
Other end snap locks onto
.062 (1.6) board
Board is releasable for easy
repair or upgrades
CAT.
L
NO.
LENGTH
8879
.125 (3.2)
8880
.187 (4.7)
8881
.250 (6.4)
8882
.375 (9.5)
8883
.500 (12.7)
8884
.625 (15.9)
8885
.750 (19.1)
8886
.875 (22.2)
8887
1.000 (25.4)
CAT.
L
NO.
LENGTH
8888
.125 (3.2)
8889
.187 (4.7)
8890
.250 (6.4)
8891
.375 (9.5)
8892
.500 (12.7)
8893
.625 (15.9)
CAT.
L
NO.
LENGTH
9018
.125 (3.2)
9019
.187 (4.7)
9020
.250 (6.4)
9021
.375 (9.5)
9022
.500 (12.7)
9023
.625 (15.9)
9024
.750 (19.1)
9025
.875 (22.2)
9026
1.000 (25.4)
LOCK-IN
THREADED
One end locks into panel. Clear hole designs for #4, #6 or #8 screw.
One end locks into panel. Clear hole designs for #4, #6 or #8 screw.
SELF-ALIGNING
C'BORE
.125 [3.2]
L
FOR .062 [1.57]
THICK PCB
O.D.
I.D.
FOR .125 [3.2] DIA.
MOUNTING HOLE
FOR .062 [1.57]
THICK CHASSIS
.140 [3.6]
FOR .125 [3.2] DIA.
MOUNTING HOLE
FOR .062 [1.57]
THICK PCB
.150 [3.8]
L
.180
[4.6]
L
.140 [3.6]
FOR .062 [1.57]
THICK PCB
FOR .125 [3.2] DIA.
MOUNTING HOLE
.140 [3.6]
FOR .062 [1.57]
THICK CHASSIS
FOR .125 [3.2] DIA.
MOUNTING HOLE
.180
[4.6]
CAT.
L
Outside
Inside Mounting Screw
NO.
LENGTH
Diameter Diameter
Hole
Size
9027 .125 (3.2)
9028 .187 (4.7)
9029 .250 (6.4)
.260
.125
.187
#4
9030 .375 (9.5)
(6.6)
(3.2)
(4.7)
9031 .500 (12.7)
9032 .625 (15.9)
9033 .250 (6.4)
9034 .375 (9.5)
.281
.153
.234
#6
9035 .500 (12.7)
(7.1)
(3.9)
(5.9)
9036 .625 (15.9)
9037 .250 (6.4)
9038 .375 (9.5)
.281
.169
.234
#8
9039 .500 (12.7)
(7.1)
(4.3)
(5.9)
9040 .625 (15.9)
MATERIAL: Nylon 6/6, UL Rated 94V-0
MATERIAL: Nylon 6/6, UL Rated 94V-0
MATERIAL: Nylon 6/6, UL Rated 94V-0
MATERIAL: Nylon 6/6, UL Rated 94V-0
MATERIAL: Nylon 6/6,
UL Rated 94V-0
MATERIAL: Nylon 6/6,
UL Rated 94V-0
.125 (3.2)
.100 (2.6)
.100 (2.6)
.125 (3.2)
.125 (3.2)
.125 (3.2)
.156 (4.0)
THREAD
MALE
L
FEMALE
CAT. NO.
LENGTH
CAT. NO.
9048
.250 (6.4)
9041
9049
.375 (9.5)
9042
9050
.500 (12.7)
9043
9051
.625 (15.9)
9044
9052
.750 (19.1)
9045
9053
.875 (22.2)
9046
9054
1.000 (25.4)
9047
M60Section4FREV1A-COLOR_9-2011 4/4/13 5:08PM Page77


同様の部品番号 - 9018

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
9018 UTC-9018 Datasheet
107Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Daya Electric Group Co....
9018 DAYA-9018 Datasheet
796Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
9018 UTC-9018 Datasheet
67Kb / 2P
AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
Nanjing International G...
9018 DGNJDZ-9018 Datasheet
44Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
ASM GmbH
9018-50 ASM-SENSOR-9018-50 Datasheet
98Kb / 1P
Clamp Sensors
More results

同様の説明 - 9018

メーカー部品番号データシート部品情報
logo
Richco, Inc.
LEDS1-4-26 RICHCO-LEDS1-4-26 Datasheet
57Kb / 1P
LED SPACERS
logo
List of Unclassifed Man...
1483 ETC2-1483 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
9071 ETC2-9071 Datasheet
100Kb / 2P
INSULATED PC SPACERS/SUPPORTS
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R40-6000402 HARWIN-R40-6000402 Datasheet
2Mb / 1P
Metric Spacers
logo
List of Unclassifed Man...
D01501 ETC2-D01501 Datasheet
25Kb / 1P
Duratool Spacers
LEDS1-3-26 ETC2-LEDS1-3-26 Datasheet
57Kb / 1P
LED SPACERS
logo
Richco, Inc.
R911-5 RICHCO-R911-5 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com