データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM9DS0TR データシート(PDF) 58 Page - STMicroelectronics

部品番号 LSM9DS0TR
部品情報  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR データシート(HTML) 58 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 54Page - STMicroelectronics LSM9DS0TR Datasheet HTML 55Page - STMicroelectronics LSM9DS0TR Datasheet HTML 56Page - STMicroelectronics LSM9DS0TR Datasheet HTML 57Page - STMicroelectronics LSM9DS0TR Datasheet HTML 58Page - STMicroelectronics LSM9DS0TR Datasheet HTML 59Page - STMicroelectronics LSM9DS0TR Datasheet HTML 60Page - STMicroelectronics LSM9DS0TR Datasheet HTML 61Page - STMicroelectronics LSM9DS0TR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
Register description
LSM9DS0
58/74
DocID024763 Rev 2
8.42
CTRL_REG4_XM (23h)
Table 79. CTRL_REG3_XM description
P1_BOOT
Boot on INT1_XM pin enable. Default value: 0
(0: disable; 1: enable)
P1_TAP
Tap generator interrupt on INT1_XM pin. Default value: 0
(0: disable; 1: enable)
P1_INT1
Inertial interrupt generator 1 on INT1_XM pin. Default value: 0
(0: disable; 1: enable)
P1_INT2
Inertial interrupt generator 2 on INT1_XM pin. Default value: 0
(0: disable; 1: enable)
P1_INTM
Magnetic interrupt generator on INT1_XM pin. Default value: 0
(0: disable; 1: enable)
P1_DRDYA
Accelerometer data-ready signal on INT1_XM pin. Default value: 0
(0: disable; 1: enable)
P1_DRDYM
Magnetometer data-ready signal on INT1_XM pin. Default value: 0
(0: disable; 1: enable)
P1_EMPTY
FIFO empty indication on INT1_XM pin. Default value: 0
(0: disable; 1: enable)
Table 80. CTRL_REG4_XM register
P2_TAP
P2_INT1
P2_INT2
P2_INTM
P2_DRDYA
P2_DRDYM
P2_Overrun
P2_WTM
Table 81. CTRL_REG4_XM description
P2_TAP
Tap generator interrupt on INT2_XM pin. Default value: 0
(0: disable; 1: enable)
P2_INT1
Inertial interrupt generator 1 on INT2_XM pin. Default value: 0
(0: disable; 1: enable)
P2_INT2
Inertial interrupt generator 2 on INT2_XM pin. Default value: 0
(0: disable; 1: enable)
P2_INTM
Magnetic interrupt generator on INT2_XM pin. Default value: 0
(0: disable; 1: enable)
P2_DRDYA
Accelerometer data-ready signal on INT2_XM pin. Default value: 0
(0: disable; 1: enable)
P2_DRDYM
Magnetometer data-ready signal on INT2_XM pin. Default value: 0
(0: disable; 1: enable)
P2_Overrun
FIFO overrun interrupt on INT2_XM pin. Default value: 0
(0: disable; 1: enable)
P2_WTM
FIFO watermark interrupt on INT2_XM pin. Default value: 0
(0: disable; 1: enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74