| データシートサーチシステム |
|
GETINFOBRIEF データシート(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
GETINFOBRIEF データシート(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 36 page ![]() MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2 2 Freescale Semiconductor Overview Some target applications for the MC3PHAC include: • Low horsepower HVAC motors • Home appliances • Commercial laundry and dishwashers • Process control • Pumps and fans Figure 1. MC3PHAC-Based Motor Control System As shown in Table 1, the MC3PHAC is offered in these packages: • Plastic 28-pin dual in-line package (DIP) • Plastic 28-pin small outline integrated circuit (SOIC) • Plastic 32-pin quad flat pack (QFP) Table 1. Ordering Information Device Operating Temperature Range Package MC3PHACVP –40 °C to +105°C Plastic 28-pin DIP MC3PHACVDW –40 °C to +105°C Plastic 28-pin SOIC MC3PHACVFA –40 °C to +105°C Plastic 32-pin QFP 3-PHASE AC MOTOR BUS VOLTAGE FEEDBACK RESISTIVE BRAKE CONTROL PWM’s START/STOP FORWARD/REVERSE SPEED ACCELERATION PWM FREQUENCY MC3PHAC FAULT SERIAL INTERFACE PASSIVE INITIALIZATION NETWORK (OPTIONAL) TO GATE DRIVES |