| データシートサーチシステム |
|
MPC7410HX500LE データシート(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7410HX500LE データシート(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 56 page ![]() MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1 Freescale Semiconductor 47 System Design Information Figure 30. Thermalloy #2328B Heat Sink-to-Ambient Thermal Resistance Versus Airflow Velocity Though the die junction-to-ambient and the heat sink-to-ambient thermal resistances are a common figure-of-merit used for comparing the thermal performance of various microelectronic packaging technologies, one should exercise caution when only using this metric in determining thermal management because no single parameter can adequately describe three-dimensional heat flow. The final die-junction operating temperature, is not only a function of the component-level thermal resistance, but the system-level design and its operating conditions. In addition to the component's power consumption, a number of factors affect the final operating die-junction temperature—airflow, board population (local heat flux of adjacent components), heat sink efficiency, heat sink attach, heat sink placement, next-level interconnect technology, system air temperature rise, altitude, and so on. Due to the complexity and the many variations of system-level boundary conditions for today's microelectronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection, and conduction) may vary widely. For these reasons, we recommend using conjugate heat transfer models for the board, as well as, system-level designs. 1 3 5 7 8 00.5 11.5 22.5 3 3.5 Thermalloy #2328B Pin-Fin Heat Sink Approach Air Velocity (m/s) (25 × 28 × 15 mm) 2 4 6 |