データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S505-8-R データシート(PDF) 2 Page - Cooper Bussmann, Inc.

部品番号 S505-8-R
部品情報  5 x 20mm Time-Delay, Ceramic Tube Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S505-8-R データシート(HTML) 2 Page - Cooper Bussmann, Inc.

  S505-8-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S505-8-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2011 Cooper Bussmann
www.cooperbussmann.com
1111 BU-SB11758
Page 2 of 2
Data Sheet 2037
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
Packaging Code
Packaging Code Prefix
Description
BK-
100 fuses packed into a cardboard carton
BK1-
1000 fuses packed into a poly bag
TR2-
1500 fuses on tape and reel (19.05mm leadwire length)
Option Code
Option Code
Description
-V
Axial leads – copper tinned wire with nickel-plated brass endcaps
Time-Current Curves



Html Pages

1 2