| データシートサーチシステム |
|
AP2152 データシート(PDF) 13 Page - Asahi Kasei Microsystems |
|
|
|||||||||||||||||||||||||||||
AP2152 データシート(HTML) 13 Page - Asahi Kasei Microsystems |
|
13 / 18 page ![]() [AP2152] MS1348-E-00 13 2012/05 2-11) Serial interface The AP2152 has a built in read only serial interface. By inputting a CLK signal to the SCLK pin, data can be read from the SDATA pin synchronizing with the CLK rising edge. The SDATA pin is an Nch open drain output. The pin needs to be pulled-up to the external power supply. SDATA State CH1 Low LED OPEN or SHORT ⇒ CH1 shutoff CH2 Low LED OPEN or SHORT ⇒ CH2 shutoff CH3 Low LED OPEN or SHORT ⇒ CH2 shutoff TM Low Shut-off state by timer latch SCLK SDATA CH1 CH2 CH3 TM RESET CH1 Figure8. Serial Interface Timing Chart |