データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD241C データシート(PDF) 3 Page - ON Semiconductor

部品番号 BD241C
部品情報  Complementary Silicon Plastic Power Transistors 80??00 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD241C データシート(HTML) 3 Page - ON Semiconductor

  BD241C_11 Datasheet HTML 1Page - ON Semiconductor BD241C_11 Datasheet HTML 2Page - ON Semiconductor BD241C_11 Datasheet HTML 3Page - ON Semiconductor BD241C_11 Datasheet HTML 4Page - ON Semiconductor BD241C_11 Datasheet HTML 5Page - ON Semiconductor BD241C_11 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BD241C (NPN), BD242B (PNP), BD242C (PNP)
http://onsemi.com
3
2.0
0.03
IC, COLLECTOR CURRENT (AMP)
1.0
0.7
0.5
0.3
0.1
0.07
0.02
0.05
0.1
0.3
0.5 0.7 1.0
3.0
td @ VBE(off) = 2.0 V
IC/IB = 10
TJ = 25°C
tr @ VCC = 30 V
tr @ VCC = 10 V
0.07
0.03
0.05
Figure 2. Switching Time Equivalent Circuit
Figure 3. Turn−On Time
APPROX
+ 11 V
TURN‐ON PULSE
Vin 0
t1
VEB(off)
APPROX - 9.0 V
TURN‐OFF PULSE
Vin
t3
t2
APPROX
+ 11 V
VCC
SCOPE
RK
Cjd % Ceb
- 4.0 V
t1 v 7.0 ns
100
t t2 t 500 ms
t3 t 15 ns
DUTY CYCLE
[ 2.0%
Vin
RL
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
ZqJC (t) = r(t) RqJC
RqJC = 3.125°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
SECOND BREAKDOWN
LIMITED @ TJ v 150°C
THERMAL LIMITATION @ TC = 25°C
BONDING WIRE LIMITED
CURVES APPLY BELOW
RATED VCEO
10
5.0
Figure 5. Active Region Safe Operating Area
IC, COLLECTOR CURRENT (AMP)
5.0
1.0
0.1
10
20
50
100
BD241C, BD242C
5.0 ms
100
ms
1.0 ms
0.2
2.0
0.5
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150°C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150°C, TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com