| データシートサーチシステム |
|
ADSP-21486KSWZ-2AB データシート(PDF) 66 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21486KSWZ-2AB データシート(HTML) 66 Page - Analog Devices |
|
66 / 68 page ![]() Rev. B | Page 66 of 68 | March 2013 ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489 AUTOMOTIVE PRODUCTS The following models are available with controlled manufactur- ing to support the quality and reliability requirements of automotive applications. Note that these automotive models may have specifications that differ from the commercial models and designers should review the product Specifications section of this data sheet carefully. Only the automotive grade products shown in Table 63 are available for use in automotive applica- tions. Contact your local ADI account representative for specific product ordering information and to obtain the specific Auto- motive Reliability reports for these models. ORDERING GUIDE Table 63. Automotive Products Model1 Notes Temperature Range2 RAM Processor Instruction Rate (Max) Package Description Package Option AD21486WBSWZ4xx 3 –40°C to +85°C 5 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 AD21488WBSWZ4xx –40°C to +85°C 3 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 AD21488WBSWZ4Bxx –40°C to +85°C 3 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 AD21489WBSWZ4xx –40°C to +85°C 5 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 AD21489WBSWZ4Bxx –40°C to +85°C 5 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 1 Z =RoHS compliant part. 2 Referenced temperature is ambient temperature. The ambient temperature is not a specification. Please see Operating Conditions on Page 18 for junction temperature (TJ) specification which is the only temperature specification. 3 This product contains IP from Dolby, DTS and DTLA. Proper software licenses required. Contact ADI for information. Model1 Notes Temperature Range2 RAM Processor Instruction Rate (Max) Package Description Package Option ADSP-21483KSWZ-2B 3 0°C to +70°C 3 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21483KSWZ-3B 3 0°C to +70°C 3 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21483KSWZ-3AB 3 0°C to +70°C 3 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21483KSWZ-4B 3 0°C to +70°C 3 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21486KSWZ-2A 3 0°C to +70°C 5 Mbit 300 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-2B 3 0°C to +70°C 5 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21486KSWZ-2AB 3 0°C to +70°C 5 Mbit 300 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-2BB 3 0°C to +70°C 5 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21486KSWZ-3A 3 0°C to +70°C 5 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-3B 3 0°C to +70°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21486KSWZ-3AB 3 0°C to +70°C 5 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-3BB 3 0°C to +70°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21486KSWZ-4A 3 0°C to +70°C 5 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-4AB 3 0°C to +70°C 5 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21487KSWZ-2B 3 0°C to +70°C 5 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-2BB 3 0°C to +70°C 5 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-3B 3 0°C to +70°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-3BB 3 0°C to +70°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-4B 3 0°C to +70°C 5 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-4BB 3 0°C to +70°C 5 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-5B 3, 4 0°C to +70°C 5 Mbit 450 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-5BB 3, 4 0°C to +70°C 5 Mbit 450 MHz 176-Lead LQFP_EP SW-176-2 |