| データシートサーチシステム |
|
B65713 データシート(PDF) 7 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65713 データシート(HTML) 7 Page - EPCOS |
|
7 / 8 page ![]() 7 06/13 All dimensions are given in mm. Surface-mount device Symbol Meaning Unit F e r B i s 0 a app e i p' p" r rev s' s" tot l/A Cu Temperature coefficient (TK) Relative temperature coefficient of material Temperature coefficient of effective permeability Relative permittivity Magnetic flux Efficiency of a transformer Hysteresis material constant Hysteresis core constant Magnetostriction at saturation magnetization Relative complex permeability Magnetic field constant Relative amplitude permeability Relative apparent permeability Relative effective permeability Relative initial permeability Relative real (inductive) component of (for parallel components) Relative imaginary (loss) component of (for parallel components) Relative permeability Relative reversible permeability Relative real (inductive) component of (for series components) Relative imaginary (loss) component of (for series components) Relative total permeability derived from the static magnetization curve Resistivity Magnetic form factor DC time constant Cu = L/RCu = AL/AR Angular frequency; = 2 f 1/K 1/K 1/K Vs mT-1 A–1H–1/2 Vs/Am m–1 mm–1 s s–1 Symbols and terms Ferrites and accessories |