| データシートサーチシステム |
|
CSL-06925P データシート(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
CSL-06925P データシート(HTML) 1 Page - Tyco Electronics |
|
1 / 2 page ![]() Self-Laminating Labels CSL A4 Laser printable self-laminating labels 62 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 1-05 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Tyco Electronics CSL is a laser printable, clear polyester film with a permanent acrylic adhesive, supplied with a white or yellow printable area, which is over-laminated upon application with the clear section of the label. Using the over-lamination process protects the printed area against exposure to oil, solvents, water and abrasion. Features and benefits n Manufactured with a white or yellow coated area for writing on, and with a clear wrap to wind around a wire or cable to cover the written legend and to protect it against impurities that would cause the label to become illegible. n Protects printed information from chemicals and frequent n handling n Designed to withstand exposure to Solvents, salts, alkalis and n water n Can also be flagged around a wire rather than wrapped Temperature rating Operating temperature range –30°C to +120°C –22°F to +180°F CSL 034 23 P 4 Part numbering system Color Material (Polyester) Label width Label height Product family |
同様の部品番号 - CSL-06925P |
|
同様の説明 - CSL-06925P |